Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 15 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 15 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 11Page - Littelfuse P2000SCL Datasheet HTML 12Page - Littelfuse P2000SCL Datasheet HTML 13Page - Littelfuse P2000SCL Datasheet HTML 14Page - Littelfuse P2000SCL Datasheet HTML 15Page - Littelfuse P2000SCL Datasheet HTML 16Page - Littelfuse P2000SCL Datasheet HTML 17Page - Littelfuse P2000SCL Datasheet HTML 18Page - Littelfuse P2000SCL Datasheet HTML 19Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
6,'$&WRUŠ'HYLFHV³3DFNDJH'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 15
www.littelfuse.com
Modified TO-220
The Modified TO-220 package is designed to meet mechanical standards as set forth in
JEDEC publication number 95.
Notes:
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
• Mold flash shall not exceed 0.13 mm per side.
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.400
0.410
10.16
10.42
D
0.360
0.375
9.14
9.53
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71
14.61
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.075
0.085
1.90
2.16
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.290
0.310
7.37
7.87
D
F
P
G
A
O
Temperature
Measurement
Point
PIN 3
PIN 2
PIN 1
J
H
L
K
M
N
3
2
1
1 A-Pack
2 A-Pack Failsafe Clip
3 A-Pack Failsafe Solder Preform
With Failsafe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com