Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 13Page - NXP Semiconductors LPC2144 Datasheet HTML 14Page - NXP Semiconductors LPC2144 Datasheet HTML 15Page - NXP Semiconductors LPC2144 Datasheet HTML 16Page - NXP Semiconductors LPC2144 Datasheet HTML 17Page - NXP Semiconductors LPC2144 Datasheet HTML 18Page - NXP Semiconductors LPC2144 Datasheet HTML 19Page - NXP Semiconductors LPC2144 Datasheet HTML 20Page - NXP Semiconductors LPC2144 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
17 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
6.11 UARTs
The LPC2141/42/44/46/48 each contain two UARTs. In addition to standard transmit and
receive data lines, the LPC2144/46/48 UART1 also provides a full modem control
handshake interface.
Compared to previous LPC2000 microcontrollers, UARTs in LPC2141/42/44/46/48
introduce a fractional baud rate generator for both UARTs, enabling these microcontrollers
to achieve standard baud rates such as 115200 with any crystal frequency above 2 MHz.
In addition, auto-CTS/RTS flow-control functions are fully implemented in hardware
(UART1 in LPC2144/46/48 only).
6.11.1 Features
• 16 B Receive and Transmit FIFOs
• Register locations conform to 16C550 industry standard
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values
• Transmission FIFO control enables implementation of software (XON/XOFF) flow
control on both UARTs
• LPC2144/46/48 UART1 equipped with standard modem interface signals, this module
also provides full support for hardware flow control (auto-CTS/RTS)
6.12 I2C-bus serial I/O controller
The LPC2141/42/44/46/48 each contain two I2C-bus controllers.
The I2C-bus is bidirectional, for inter-IC control using only two wires: a serial clock line
(SCL), and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver or a transmitter with the
capability to both receive and send information (such as memory)). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C-bus is a multi-master bus, it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2141/42/44/46/48 supports bit rates up to 400 kbit/s
(Fast I2C-bus).
6.12.1 Features
• Compliant with standard I2C-bus interface
• Easy to configure as master, slave, or master/slave
• Programmable clocks allow versatile rate control
• Bidirectional data transfer between masters and slaves
• Multi-master bus (no central master)
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com