Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 11Page - NXP Semiconductors LPC2144 Datasheet HTML 12Page - NXP Semiconductors LPC2144 Datasheet HTML 13Page - NXP Semiconductors LPC2144 Datasheet HTML 14Page - NXP Semiconductors LPC2144 Datasheet HTML 15Page - NXP Semiconductors LPC2144 Datasheet HTML 16Page - NXP Semiconductors LPC2144 Datasheet HTML 17Page - NXP Semiconductors LPC2144 Datasheet HTML 18Page - NXP Semiconductors LPC2144 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
15 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
6.7 Fast general purpose parallel I/O (GPIO)
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow the setting or clearing of any number of outputs simultaneously. The value
of the output register may be read back, as well as the current state of the port pins.
LPC2141/42/44/46/48 introduce accelerated GPIO functions over prior LPC2000 devices:
• GPIO registers are relocated to the ARM local bus for the fastest possible I/O timing
• Mask registers allow treating sets of port bits as a group, leaving other bits unchanged
• All GPIO registers are byte addressable
• Entire port value can be written in one instruction
6.7.1 Features
• Bit-level set and clear registers allow a single instruction to set or clear any number of
bits in one port
• Direction control of individual bits
• Separate control of output set and clear
• All I/O default to inputs after reset
6.8 10-bit ADC
The LPC2141/42 contain one and the LPC2144/46/48 contain two analog to digital
converters. These converters are single 10-bit successive approximation analog to digital
converters. While ADC0 has six channels, ADC1 has eight channels. Therefore, total
number of available ADC inputs for LPC2141/42 is 6 and for LPC2144/46/48 is 14.
6.8.1 Features
• 10 bit successive approximation analog to digital converter
• Measurement range of 0 V to VREF (2.0 V
≤ VREF ≤ V
DDA)
• Each converter capable of performing more than 400000 10-bit samples per second
• Every analog input has a dedicated result register to reduce interrupt overhead
• Burst conversion mode for single or multiple inputs
• Optional conversion on transition on input pin or timer match signal
• Global Start command for both converters (LPC2142/44/46/48 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com