Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 5Page - NXP Semiconductors LPC2144 Datasheet HTML 6Page - NXP Semiconductors LPC2144 Datasheet HTML 7Page - NXP Semiconductors LPC2144 Datasheet HTML 8Page - NXP Semiconductors LPC2144 Datasheet HTML 9Page - NXP Semiconductors LPC2144 Datasheet HTML 10Page - NXP Semiconductors LPC2144 Datasheet HTML 11Page - NXP Semiconductors LPC2144 Datasheet HTML 12Page - NXP Semiconductors LPC2144 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
9 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
P0.18/CAP1.3/
MISO1/MAT1.3
53[1]
I/O
P0.18 — General purpose input/output digital pin (GPIO)
I
CAP1.3 — Capture input for Timer 1, channel 3
I/O
MISO1 — Master In Slave Out for SSP, data input to SPI master or data
output from SSP slave
O
MAT1.3 — Match output for Timer 1, channel 3
P0.19/MAT1.2/
MOSI1/CAP1.2
54[1]
I/O
P0.19 — General purpose input/output digital pin (GPIO)
O
MAT1.2 — Match output for Timer 1, channel 2
I/O
MOSI1 — Master Out Slave In for SSP, data output from SSP master or data
input to SSP slave
I
CAP1.2 — Capture input for Timer 1, channel 2
P0.20/MAT1.3/
SSEL1/EINT3
55[2]
I/O
P0.20 — General purpose input/output digital pin (GPIO)
O
MAT1.3 — Match output for Timer 1, channel 3
I
SSEL1 — Slave Select for SSP, selects the SSP interface as a slave
I
EINT3 — External interrupt 3 input
P0.21/PWM5/
AD1.6/CAP1.3
1[4]
I/O
P0.21 — General purpose input/output digital pin (GPIO)
O
PWM5 — Pulse Width Modulator output 5
I
AD1.6 — ADC 1, input 6, available in LPC2144/46/48 only
I
CAP1.3 — Capture input for Timer 1, channel 3
P0.22/AD1.7/
CAP0.0/MAT0.0
2[4]
I/O
P0.22 — General purpose input/output digital pin (GPIO)
I
AD1.7 — ADC 1, input 7, available in LPC2144/46/48 only
I
CAP0.0 — Capture input for Timer 0, channel 0
O
MAT0.0 — Match output for Timer 0, channel 0
P0.23/VBUS
58[1]
I/O
P0.23 — General purpose input/output digital pin (GPIO)
I
VBUS — Indicates the presence of USB bus power
Note: This signal must be HIGH for USB reset to occur
P0.25/AD0.4/
AOUT
9[5]
I/O
P0.25 — General purpose input/output digital pin (GPIO)
I
AD0.4 — ADC 0, input 4
O
AOUT — DAC output, available in LPC2142/44/46/48 only
P0.28/AD0.1/
CAP0.2/MAT0.2
13[4]
I/O
P0.28 — General purpose input/output digital pin (GPIO)
I
AD0.1 — ADC 0, input 1
I
CAP0.2 — Capture input for Timer 0, channel 2
O
MAT0.2 — Match output for Timer 0, channel 2
P0.29/AD0.2/
CAP0.3/MAT0.3
14[4]
I/O
P0.29 — General purpose input/output digital pin (GPIO)
I
AD0.2 — ADC 0, input 2
I
CAP0.3 — Capture input for Timer 0, Channel 3
O
MAT0.3 — Match output for Timer 0, channel 3
P0.30/AD0.3/
EINT3/CAP0.0
15[4]
I/O
P0.30 — General purpose input/output digital pin (GPIO)
I
AD0.3 — ADC 0, input 3
I
EINT3 — External interrupt 3 input
I
CAP0.0 — Capture input for Timer 0, channel 0
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com