Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2144 Datasheet HTML 1Page - NXP Semiconductors LPC2144 Datasheet HTML 2Page - NXP Semiconductors LPC2144 Datasheet HTML 3Page - NXP Semiconductors LPC2144 Datasheet HTML 4Page - NXP Semiconductors LPC2144 Datasheet HTML 5Page - NXP Semiconductors LPC2144 Datasheet HTML 6Page - NXP Semiconductors LPC2144 Datasheet HTML 7Page - NXP Semiconductors LPC2144 Datasheet HTML 8Page - NXP Semiconductors LPC2144 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
3 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
4.
Block diagram
(1) Pins shared with GPIO.
(2) LPC2144/46/48 only.
(3) USB DMA controller with 8 kB of RAM accessible as general purpose RAM and/or DMA is available in LPC2146/48 only.
(4) LPC2142/44/46/48 only.
Fig 1.
Block diagram
002aab560
system
clock
TRST(1)
TMS(1)
TCK(1)
TDI(1)
TDO(1)
XTAL2
XTAL1
AMBA AHB
(Advanced High-performance Bus)
INTERNAL
FLASH
CONTROLLER
AHB BRIDGE
TEST/DEBUG
INTERFACE
AHB
DECODER
AHB TO VPB
BRIDGE
VPB
DIVIDER
VECTORED
INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
PLL0
USB
clock
PLL1
SYSTEM
CONTROL
32 kB/64 kB/128 kB/
256 kB/512 kB
FLASH
ARM7TDMI-S
LPC2141/42/44/46/48
INTERNAL
SRAM
CONTROLLER
8 kB/16 kB/
32 kB
SRAM
ARM7 local bus
VPB (VLSI
peripheral bus)
SCL0, SCL1
SDA0, SDA1
4
× CAP0
4
× CAP1
8
× MAT0
8
× MAT1
I2C-BUS SERIAL
INTERFACES 0 AND 1
CAPTURE/COMPARE
(W/EXTERNAL CLOCK)
TIMER 0/TIMER 1
EINT3 to EINT0
EXTERNAL
INTERRUPTS
D+
D
−
UP_LED
CONNECT
VBUS
USB 2.0 FULL-SPEED
DEVICE CONTROLLER
WITH DMA(3)
SCK0, SCK1
MOSI0, MOSI1
MISO0, MISO1
AD0[7:6] and
AD0[4:1]
AD1[7:0](2)
SSEL0, SSEL1
SPI AND SSP
SERIAL INTERFACES
ADC0 AND ADC1(2)
TXD0, TXD1
RXD0, RXD1
DSR1(2),CTS1(2),
RTS1(2), DTR1(2)
DCD1(2),RI1(2)
AOUT(4)
UART0/UART1
DAC
P0[31:28] and
P0[25:0]
P1[31:16]
RTCX2
RTCX1
V
BAT
REAL-TIME CLOCK
GENERAL
PURPOSE I/O
PWM6 to PWM0
WATCHDOG
TIMER
PWM0
P0[31:28] and
P0[25:0]
P1[31:16]
FAST GENERAL
PURPOSE I/O
8 kB RAM
SHARED WITH
USB DMA(3)
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com