Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 3Page - NXP Semiconductors LPC2144 Datasheet HTML 4Page - NXP Semiconductors LPC2144 Datasheet HTML 5Page - NXP Semiconductors LPC2144 Datasheet HTML 6Page - NXP Semiconductors LPC2144 Datasheet HTML 7Page - NXP Semiconductors LPC2144 Datasheet HTML 8Page - NXP Semiconductors LPC2144 Datasheet HTML 9Page - NXP Semiconductors LPC2144 Datasheet HTML 10Page - NXP Semiconductors LPC2144 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LPC2141_42_44_46_48_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 19 October 2007
7 of 39
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
5.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
P0.0 to P0.31
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit.
Total of 31 pins of the Port 0 can be used as a general purpose bidirectional
digital I/Os while P0.31 is output only pin. The operation of port 0 pins
depends upon the pin function selected via the pin connect block.
Pins P0.24, P0.26 and P0.27 are not available
P0.0/TXD0/
PWM1
19[1]
I/O
P0.0 — General purpose input/output digital pin (GPIO)
O
TXD0 — Transmitter output for UART0
O
PWM1 — Pulse Width Modulator output 1
P0.1/RXD0/
PWM3/EINT0
21[2]
I/O
P0.1 — General purpose input/output digital pin (GPIO)
I
RXD0 — Receiver input for UART0
O
PWM3 — Pulse Width Modulator output 3
I
EINT0 — External interrupt 0 input
P0.2/SCL0/
CAP0.0
22[3]
I/O
P0.2 — General purpose input/output digital pin (GPIO)
I/O
SCL0 — I2C0 clock input/output, open-drain output (for I2C-bus compliance)
I
CAP0.0 — Capture input for Timer 0, channel 0
P0.3/SDA0/
MAT0.0/EINT1
26[3]
I/O
P0.3 — General purpose input/output digital pin (GPIO)
I/O
SDA0 — I2C0 data input/output, open-drain output (for I2C-bus compliance)
O
MAT0.0 — Match output for Timer 0, channel 0
I
EINT1 — External interrupt 1 input
P0.4/SCK0/
CAP0.1/AD0.6
27[4]
I/O
P0.4 — General purpose input/output digital pin (GPIO)
I/O
SCK0 — Serial clock for SPI0, SPI clock output from master or input to slave
I
CAP0.1 — Capture input for Timer 0, channel 0
I
AD0.6 — ADC 0, input 6
P0.5/MISO0/
MAT0.1/AD0.7
29[4]
I/O
P0.5 — General purpose input/output digital pin (GPIO)
I/O
MISO0 — Master In Slave OUT for SPI0, data input to SPI master or data
output from SPI slave
O
MAT0.1 — Match output for Timer 0, channel 1
I
AD0.7 — ADC 0, input 7
P0.6/MOSI0/
CAP0.2/AD1.0
30[4]
I/O
P0.6 — General purpose input/output digital pin (GPIO)
I/O
MOSI0 — Master Out Slave In for SPI0, data output from SPI master or data
input to SPI slave
I
CAP0.2 — Capture input for Timer 0, channel 2
I
AD1.0 — ADC 1, input 0, available in LPC2144/46/48 only
P0.7/SSEL0/
PWM2/EINT2
31[2]
I/O
P0.7 — General purpose input/output digital pin (GPIO)
I
SSEL0 — Slave Select for SPI0, selects the SPI interface as a slave
O
PWM2 — Pulse Width Modulator output 2
I
EINT2 — External interrupt 2 input
P0.8/TXD1/
PWM4/AD1.1
33[4]
I/O
P0.8 — General purpose input/output digital pin (GPIO)
O
TXD1 — Transmitter output for UART1
O
PWM4 — Pulse Width Modulator output 4
I
AD1.1 — ADC 1, input 1, available in LPC2144/46/48 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com