| Electronic Components Datasheet Search |
|
LPC2144 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2144 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 39 page ![]() LPC2141_42_44_46_48_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 19 October 2007 16 of 39 NXP Semiconductors LPC2141/42/44/46/48 Single-chip 16-bit/32-bit microcontrollers 6.9 10-bit DAC The DAC enables the LPC2141/42/44/46/48 to generate a variable analog output. The maximum DAC output voltage is the VREF voltage. 6.9.1 Features • 10-bit DAC • Buffered output • Power-down mode available • Selectable speed versus power 6.10 USB 2.0 device controller The USB is a 4-wire serial bus that supports communication between a host and a number (127 max) of peripherals. The host controller allocates the USB bandwidth to attached devices through a token based protocol. The bus supports hot plugging, unplugging, and dynamic configuration of the devices. All transactions are initiated by the host controller. The LPC2141/42/44/46/48 is equipped with a USB device controller that enables 12 Mbit/s data exchange with a USB host controller. It consists of a register interface, serial interface engine, endpoint buffer memory and DMA controller. The serial interface engine decodes the USB data stream and writes data to the appropriate end point buffer memory. The status of a completed USB transfer or error condition is indicated via status registers. An interrupt is also generated if enabled. A DMA controller (available in LPC2146/48 only) can transfer data between an endpoint buffer and the USB RAM. 6.10.1 Features • Fully compliant with USB 2.0 Full-speed specification • Supports 32 physical (16 logical) endpoints • Supports control, bulk, interrupt and isochronous endpoints • Scalable realization of endpoints at run time • Endpoint maximum packet size selection (up to USB maximum specification) by software at run time • RAM message buffer size based on endpoint realization and maximum packet size • Supports SoftConnect and GoodLink LED indicator, these two functions share one pin • Supports bus-powered capability with low suspend current • Supports DMA transfer on all non-control endpoints (LPC2146/48 only) • One duplex DMA channel serves all endpoints (LPC2146/48 only) • Allows dynamic switching between CPU controlled and DMA modes (only in LPC2146/48) • Double buffer implementation for bulk and isochronous endpoints |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |