Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5951AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —5
PIN DESCRIPTION
Number of
Pins
Name
I/O
Polarity1
1. Attributes: S
= Schmitt type, PU = with pull-up resistor, PD = with pull-down resistor, mA = output current
Voltage
Functional Description
1
RST_X
I
PU, S
3.3V
System Reset
1FS
I
−
3.3V
1fs Clock (44.1kHz)
1
CLK
I
−
3.3V
Master Clock
1
SEL1280
I
PD, S
3.3V
Select Master Clock Rate
[HIGH]: 1280
× 44.1kHz, [LOW]: 1024 × 44.1kHz
1
SELDSDI
I
PD, S
3.3V
Select DSD Input Format
[HIGH]: Manchester Encoding, [LOW]: Normal
1
SELDSDO
I
PD, S
3.3V
Select DSD Output Format
[HIGH]: Manchester Encoding, [LOW]: Normal
2
SELBUS [1:0]
I
PU, S
3.3V
Select MCU Data Bus Width
[SELBUS1, SELBUS0]
[LOW, LOW]: 8-bit
[LOW, HIGH]: 16-bit
[HIGH,
× (LOW or HIGH)]: 32-bit
1
CS_X
I
PU
3.3V
MCU I/F: Chip Select
1
WR_X
I
PU, S
3.3V
MCU I/F: Write Enable
1
RD_X
I
PU, S
3.3V
MCU I/F: Read Enable
8
ADDR [7:0]
I
PU
3.3V
MCU I/F: Address Bus
32
DATA [31:0]
I/O
3mA
3.3V
MCU I/F: Data Bus
1
BCKI
I
S
3.3V
DSD Input: Bit Clock IN
4
DSDI1_[3:0]
I
−
3.3V
DSD Input: DSD CH1 Data (LINE0 to LINE3)
4
DSDI2_[3:0]
I
−
3.3V
DSD Input: DSD CH2 Data (LINE0 to LINE3)
4
DSDI3_[3:0]
I
−
3.3V
DSD Input: DSD CH3 Data (LINE0 to LINE3)
4
DSDI4_[3:0]
I
−
3.3V
DSD Input: DSD CH4 Data (LINE0 to LINE3)
4
DSDI5_[3:0]
I
−
3.3V
DSD Input: DSD CH5 Data (LINE0 to LINE3)
4
DSDI6_[3:0]
I
−
3.3V
DSD Input: DSD CH6 Data (LINE0 to LINE3)
4
DSDI7_[3:0]
I
−
3.3V
DSD Input: DSD CH7 Data (LINE0 to LINE3)
4
DSDI8_[3:0]
I
−
3.3V
DSD Input: DSD CH8 Data (LINE0 to LINE3)
1
EXMUTE
I
−
3.3V
DSD Input: External Mute Pattern
1
BCKO
O
6mA
3.3V
DSD Output: Bit Clock Out
8
DSDO [8:1]
O
3mA
3.3V
DSD Output: DSD Output DATA (CH1 to CH8)
1
BCK64O
O
6mA
3.3V
DSD 64fs Output: Bit Clock Out
8
DSD64O [8:1]
O
3mA
3.3V
DSD 64fs Output: DSD Output DATA (CH1 to CH8)
1
MOSYNC
O
3mA
3.3V
SYNC Monitor
8
TEST [8:1]
I
PD
3.3V
IOTEST_EN, SCAN_EN, ATPG_EN, FUNC_MODE etc.
10
VDDH
−−
3.3V
Power Supply (I/O)
14
VDDL
−−
2.5V
Power Supply (Core)
24
VSS
−−
0V
Ground Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com