Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5951AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —1
8-channel DSD Editing System Signal Processor LSI
OVERVIEW
The SM5951A is an 8-channel DSD (Direct Stream Digital) editing system signal processor LSI. It takes 4
DSD input signals per channel, mixes them, and then converts the result back into 1-bit DSD data for output.
FEATURES
I
DSD signal sampling rate: 5.6448MHz (128
× 44.1kHz) and 2.8224MHz (64 × 44.1kHz) supported
I
8-channel DSD signal mixing
• 8-channel, 4 DSD signal inputs per channel mixing using arbitrary coefficients for each input
I
Raw signal switching function (auto bypass)
• Automatically switches to raw signal output with no switching noise and no signal degradation when mix-
ing is not required, bypassing the mixing processing
I
Input/output format
• Normal input/output format where the data changes are synchronized to the bit clock cycle, and Manches-
ter-type encoding input/output format where the data inverts during the bit clock cycle
I
Monitor output: Simultaneous 64
× 44.1kHz monitor data output when in 128 × 44.1kHz sampling rate mode
I
Microcontroller interface: Parallel bi-directional 8-bit/16-bit/32-bit data bus supported
I
Master clock: 45.1584MHz (1024
× 44.1kHz) or 56.448MHz (1280 × 44.1kHz)
I
2 voltage supplies: 3.3V (3.0 to 3.6V) and 2.5V (2.3 to 2.7V)
I
Operating temperature range:
− 20 to 70°C
I
Package: 160-pin QFP
PACKAGE DIMENSIONS
(Unit: mm)
ORDERING INFORMATION
Device
Package
SM5951AF
160-pin QFP
28.0 ± 0.1
0.8 ± 0.2
0.22 to 0.4
0.15
0.11 to 0.23
1.6
0.8
0.65
31.2 ± 0.4
15
15
0 to 10.0


Similar Part No. - SM5951AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
256 bytes SRAM as standard 8052
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
Six interrupt sources with two priority levels
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
256 bytes SRAM as standard 8052
More results

Similar Description - SM5951AF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
Single-Chip RDS Signal-Processing System LSI
logo
LSI Computer Systems
DMN-8602 LSI-DMN-8602 Datasheet
226Kb / 4P
LSI Logic DiMeNsion 8602 DVD Recorder system Processor
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
Single-Chip RDS Signal-Processing System LSI
logo
Renesas Technology Corp
M61201SP RENESAS-M61201SP Datasheet
428Kb / 14P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61202SP RENESAS-M61202SP Datasheet
6Mb / 15P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
logo
Sanyo Semicon Device
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
Single-Chip RDS Signal-Processing System LSI
logo
Renesas Technology Corp
R-IN32M3-EC RENESAS-R-IN32M3-EC Datasheet
407Kb / 10P
System LSI
logo
Sony Corporation
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
Signal Processor LSI for Single CCD Color Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com