Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5951AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —8
DSD input/output
FS, BCKI, DSDI
××, EXMUTE, BCKO, BCK64O, DSDO×, DSD64O× pins
1. Normal mode rating (input data setup time is referenced to the BCKI rising edge)
2. Manchester-type mode rating (input data setup time is referenced to the BCKI falling edge)
3. The delay in the state of internal synchronization relative to the FS input edge
Parameter
Symbol
Rating
Unit
min
typ
max
DSD bit clock pulsewidth
tDSCW
80
177.16 (1/64fs)
88.58 (1/128fs)
−
ns
DSD bit clock pulse cycle
tDSCY
−
354.31 (1/64fs)
177.16 (1/128fs)
−
ns
DSD 64fs bit clock output pulsewidth
tDS64CW
−
177.16
−
ns
DSD 64fs clock output pulse cycle
tDS64CY
−
354.31
−
ns
DSD data input setup time 1
tDSS
35
−−
ns
DSD data input hold time 1
tDSH
35
−−
ns
DSD data input setup time 2
tDSMS
−−
18
ns
DSD data input hold time 2
tDSMH
0
−−
ns
DSD data output delay time
tDSOD
0
−
10
ns
DSD bit clock output delay time 3
tDSCDLY
0
−
88
ns
BCKI
tDSCY
tDSS
tDSCW
tDSH
tDSCW
tDSMH
tDSMS
BCKO
tDSCY
tDSCW
tDSCW
tDSOD
FS
tDSCDLY
BCK64O
tDS64CW
tDS64CW
tDSCDLY
tDS64CY
DSDI
2
DSDI
EXMUTE
1
DSD64O 2
DSD64O 1
DSDO
1
DSDO 2
tDSOD
tDSOD
tDSOD
tDSOD
tDSOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com