Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5951AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —7
AC Characteristics
VDDH = 3.0 to 3.6V, VDDL = 2.3 to 2.7V, VSS = 0V, TOPR = − 20 to 70°C unless otherwise noted.
When fs
= 44.1kHz, the FS and BCKI clock inputs have the following frequency division relationship to the
master clock input on CLK.
I
When CLK
= 1024fs:
(FS) cycle
= 1024 × CLK cycles
(BCKI) cycle [128fs mode]
= 8 × CLK cycles (128fs)
(BCKI) cycle [64fs mode]
= 16 × CLK cycles (64fs)
I
When CLK
= 1280fs:
(FS) cycle
= 1280 × CLK cycles
(BCKI) cycle [128fs mode]
= 10 × CLK cycles (128fs)
(BCKI) cycle [64fs mode]
= 20 × CLK cycles (64fs)
System clock input
I
CLK pin
1FS clock input
I
FS pin (44.1kHz)
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level pulsewidth
tMCWH
7
11.07 (1024fs)
8.86 (1280fs)
−
ns
LOW-level pulsewidth
tMCWL
7
11.07 (1024fs)
8.86 (1280fs)
−
ns
Pulse cycle
tMCY
16
22.14 (1024fs)
17.72 (1280fs)
−
ns
Rise/Fall time
tr, tf
−−
2ns
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level pulsewidth
tFSCWH
−
11.34
−µs
LOW-level pulsewidth
tFSCWL
−
11.34
−µs
Pulse cycle
tFSCY
−
22.68
−µs
Rise/Fall time
tfsr, tfsf
−−
10
ns
CLK
tMCY
tMCWH
tMCWL
tr
tf
VDDH 90%
VDDH 50%
VDDH 10%
FS
tFSCY
tFSCWH
tFSCWL
tfsr
tfsf
VDDH 90%
VDDH 50%
VDDH 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com