Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5951AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Electrical Characteristics
DC Characteristics
VDDH = 3.0 to 3.6V, VDDL = 2.3 to 2.7V, VSS = 0V, TOPR = − 20 to 70°C, unless otherwise noted
Pin summary
Parameter
Symbol
Rating
Unit
Supply voltage 1VDDH
− 0.3 to 4.0
V
Supply voltage 2VDDL
− 0.3 to 3.0
V
Input voltage (3.3V)
VIN
– 0.3 to VDDH + 0.5
V
Power dissipation
PD
1.3
W
Storage temperature range
TSTG
– 55 to 125
°C
Parameter
Symbol
Rating
Unit
Supply voltage 1
VDDH
3.0 to 3.6
V
Supply voltage 2
VDDL
2.3 to 2.7
V
Operating temperature
TOPR
– 20 to 70
°C
Parameter
Pins
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption 1
VDDH
IDDH
All pins no load
−−
8mA
Current consumption 2
VDDL
IDDL
All pins no load
−−
550
mA
Input voltage
HIGH-level
(*1)
VIH
VDDH
= 3.6V
2.0
−−
V
LOW-level
(*1)
VIL
VDDH
= 3.0V
−−
0.8
V
Schmitt trigger
voltage
Positive
(*2)
VT+
1.1
−
2.4
V
Negative
(*2)
VT−
0.6
−
1.8
V
Hysteresis voltage
(*2)
VH
0.1
−−
V
Output voltage
HIGH-level
(*3)
VOH
IOH
= − 3mA (Type 1),
− 6mA (Type 2)
VDDH
− 0.4
−−
V
LOW-level
(*3)
VOL
IOL
= 3mA (Type 1),
6mA (Type 2)
−−
0.4
V
Input leakage current
(*1) (*2)
ILI
− 5
−
5
µA
Pull-down resistance
(*4)
RPD
VI = VDDH
60
120
288
k
Ω
Pull-up resistance
(*5)
RPU
VI = VSS
60
120
288
k
Ω
HIGH-level holding current
(*6)
IBHH
VIN = 2.0V, VDDH
= 3.0V
−−
− 20
µA
LOW-level holding current
(*6)
IBHL
VIN = 0.8V, VDDH
= 3.0V
−−
17
µA
HIGH-level reverse current
(*6)
IBHHO
VIN = 0.8V, VDDH
= 3.6V
− 350
−−
µA
LOW-level reverse current
(*6)
IBHLO
VIN = 2.0V, VDDH
= 3.6V
210
−−
µA
(*1)
Input pins and bi-directional pins in input mode
(*2)
Schmitt-characteristic inputs and bi-directional pins in input mode
(*3)
Output pins and bi-directional pins in output mode
Type 2: BCKO, BCK64O
Type 1: All outputs excluding those above
(*4)
Inputs with pull-down resistor
(*5)
Inputs with pull-up resistor
(*6)
Input/outputs with bus hold circuit (DATA [31:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com