Electronic Components Datasheet Search
  English  ▼

X  

SM5951AF Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5951AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —10
FUNCTIONAL DESCRIPTION
Data Input/Output Format
DSD input format
The DSD input format can be set to one of 2 types by the state of SELDSDI.
(1) Normal mode (SELDSDI
= LOW)
DSD input data is read in close to the rising edge of the bit clock BCKI. Note that even if the input is phase
modulated, the data is still read in close to the rising edge of BCKI if the data is defined.
(2) Manchester-type input (SELDSDI
= HIGH)
DSD input data is read in during the LOW-level pulse of the bit clock BCKI.
Note. DSDI***: DSDI1_[3:0], DSDI2_[3:0], DSDI3_[3:0], DSDI4_[3:0], DSDI5_[3:0], DSDI6_[3:0], DSDI7_[3:0], DSDI8_[3:0] pins
Note. When an external mute pattern is input on EXMUTE pin, data is read in normal mode format only, regardless of the state of SELDSDI.
DSDI***
D1
D2
D1
D1
D2
D2
BCKI
(1/64fs or 1/128fs)
DSDI***
D1
D2
BCKI
(1/64fs or 1/128fs)
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com