Electronic Components Datasheet Search
  English  ▼

X  

TMP89FH46 Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMP89FH46
Description  8 Bit Microcontroller
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FH46 Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMP89FH46 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 41Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 42Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 46Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 390 page
background image
Page 29
TMP89FH46
RA001
Even if the STOP pin input returns to low after the warm-up starts, the STOP mode is not restarted.
Figure 2-8 Level-sensitive Release Mode (Example when the high-frequency clock oscillation
circuit is selected)
Note: When the STOP mode is released, the warm-up counter source clock automatically changes to the clock that generated the
main system clock when the STOP mode was started, regardless of WUCCR<WUCSEL>.
Note: If the rising edge is input to the STOP pin within 1 machine cycle after SYSCR1<STOP> is set to "1", the STOP mode will not
be released.
Figure 2-9 Edge-sensitive Release Mode (Example when the high-frequency clock oscillation
circuit is selected)
- Edge-sensitive release mode
In this mode, the STOP mode is released at the rising edge of the STOP pin input.
Setting SYSCR1<RELM> to "0" selects the edge-sensitive release mode.
This is used in applications where a relatively short program is executed repeatedly at
periodic intervals. This periodic signal (for example, a clock from a low-power con-
sumption oscillator) is input to the STOP pin. In the edge-sensitive release mode, the
STOP mode is started even when the STOP pin input is high
Example: Starting the STOP mode from the NORMAL mode
(Warm-up time at release of the STOP mode is about 200ms at fc=10 MHz.)
LD
(WUCCR),0x01
; WUCCR<WUCDIV> = 00 (No division) (Note)
LD
(WUCDR),0x20
;
;
Sets the warm-up time
200ms / 6.4
µs = 31.25 → round up to 0x20
DI
; IMF = 0
LD
(SYSCR1) , 0x80
; Starts the STOP mode with the edge-sensitive release mode selected
STOP pin
XOUT pin
NORMAL mode
VIH
Warm-up
STOP mode
STOP mode
The STOP mode
is started
by the program.
The STOP mode is released by the hardware
at the rising edge of the STOP pin input.
NORMAL
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com