Electronic Components Datasheet Search
  English  ▼

X  

TMP89FH46 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP89FH46
Description  8 Bit Microcontroller
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FH46 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP89FH46 Datasheet HTML 26Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 27Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 28Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 29Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 30Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 31Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 32Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 390 page
background image
Page 16
2. CPU Core
2.3 System clock controller
TMP89FH46
RA001
Note 3: If the STOP mode is activated with SYSCR1<OUTEN> set at "0", the port internal input is fixed to "0". Therefore, an exter-
nal interrupt may be set at the falling edge, depending on the pin state when the STOP mode is activated.
Note 4: The P11 pin is also used as the STOP pin. When the STOP mode is activated, the pin reverts to high impedance state and
is put in input mode, regardless of the state of SYSCR1<OUTEN>.
Note 5: Writing of the second byte data will be executed improperly if the operation is switched to the STOP state by an instruc-
tion, such as LDW, which executes 2-byte data transfer at a time.
Note 6: Don't set SYSCK1<DV9CK> to "1" before the oscillation of the low-frequency clock oscillation circuit becomes stable.
Note 7: In the SLOW1/2 or SLEEP1 mode, fs/4 is input to stage 9 of the divider, regardless of the state of SYSCR1< DV9CK >.
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: WDT: Watchdog timer, TG: Timing generator
Note 3: Don't set both SYSCR2<IDLE> and SYSCR2<TGHALT> to "1" simultaneously.
Note 4: Writing of the second byte data will be executed improperly if the operation is switched to the IDLE state by an instruction,
such as LDW, which executes 2-byte data transfer at a time.
Note 5: When the IDLE1/2 or SLEEP1 mode is released, SYSCR2<IDLE> is cleared to "0" automatically.
Note 6: When the IDLE0 or SLEEP0 mode is released, SYSCR2<TGHALT> is cleared to "0" automatically.
Note 7: Bits 7, 1 and 0 of SYSCR2 are read as "0".
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz]
Note 2: WUCCR<WUCRST> is cleared to "0" automatically, and need not be cleared to "0" after being set to "1".
Note 3: Bits 7 to 4 of WUCCR are read as "0". Bit 0 is read as "1".
Note 4: Before starting the warm-up counter operation, set the source clock and the frequency division rate at WUCCR and set
the warm-up time at WUCDR.
System control register 2
SYSCR2
(0x0FDD)
76543
210
Bit Symbol
-
XEN
XTEN
SYSCK
IDLE
TGHALT
-
-
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R
R
After reset
01000
000
XEN
Controls the high-frequency clock
oscillation circuit
0 :
1 :
Stop oscillation
Continue or start oscillation
XTEN
Controls the low-frequency clock
oscillation circuit
0 :
1 :
Stop oscillation
Continue or start oscillation
SYSCK
Selects a system clock
0 :
1 :
Gear clock (fcgck) (NORMAL1/2 or IDLE1/2 mode)
Low-frequency clock (fs/4) (SLOW1/2 or SLEEP1 mode)
IDLE
CPU and WDT control
(IDLE1/2 or SLEEP1 mode)
0 :
1 :
Operate the CPU and the WDT
Stop the CPU and the WDT (Activate IDLE1/2 or SLEEP1 mode)
TGHALT
TG control
(IDLE0 or SLEEP0 mode)
0 :
1 :
Enable the clock supply from the TG to all the peripheral circuits
Disable the clock supply from the TG to the peripheral circuits except the
TBT (Activate IDLE0 or SLEEP0 mode)
Warm-up counter control register
WUCCR
(0x0FCD)
76543
210
Bit Symbol
WUCRST
-
-
-
WUCDIV
WUCSEL
-
Read/Write
W
R
R
R
R/W
R/W
R
After reset
00001
101
WUCRST
Resets and stops the warm-up
counter
0 :
1 :
-
Clear and stop the counter
WUCDIV
Selects the frequency division of the
warm-up counter source clock
00 :
01 :
10 :
11 :
Source clock
Source clock / 2
Source clock / 22
Source clock / 23
WUCSEL
Selects the warm-up counter
source clock
0 :
1 :
Select the high-frequency clock (fc)
Select the low-frequency clock (fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com