Electronic Components Datasheet Search
  English  ▼

X  

TMP89FH46 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP89FH46
Description  8 Bit Microcontroller
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FH46 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP89FH46 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 56Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 57Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 58Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 59Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 60Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 61Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 62Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 390 page
background image
Page 45
TMP89FH46
RA003
3. Interrupt Control Circuit
The TMP89FH46 has a total of 25 interrupt sources excluding reset. Interrupts can be nested with priorities. Three
of the internal interrupt sources are non-maskable while the rest are maskable.
Interrupt sources are provided with interrupt latches (IL), which hold interrupt requests, and have independent vec-
tor addresses. When a request for an interrupt is generated, its interrupt latch is set to "1", which requests the CPU to
accept the interrupt. Acceptance of interrupts is enabled or disabled by software using the interrupt master enable
flag (IMF) and individual enable flag (EF) for each interrupt source. If multiple maskable interrupts are generated
simultaneously, the interrupts are accepted in order of descending priority. The priorities are determined by the inter-
rupt priority change control register (ILPRS1-ILPRS6) as Levels and determined by the hardware as the basic prior-
ities.
However, there are no prioritized interrupt sources among non-maskable interrupts.
Note 1: To use the watchdog timer interrupt (INTWDT), clear WDCTR<WDTOUT> to "0" (It is set for the "Reset request" after
reset is released). For details, see "Watchdog Timer".
Note 2: 0xFFFA and 0xFFFB function not as interrupt vectors but as option codes in the serial PROM mode. For details, see
"Serial PROM Mode".
Note 3: Vector address areas can be changed by the SYSCR3<RVCTR> setting. To assign vector address areas to RAM, set
SYSCR3<RVCTR> to "1" and SYSCR3<RAREA> to "1".
Interrupt sources
Enable condition
Interrupt
latch
Vector Address
(MCU mode)
Basic
prior-
ity
RVCTR=0
enabled
RVCTR=1
enabled
Internal/
External
(Reset)
Non-maskable
-
0xFFFE
-
1
Internal
INTSWI
Non-maskable
-
0xFFFC
0x01FC
2
Internal
INTUNDEF
Non-maskable
-
0xFFFC
0x01FC
2
Internal
INTWDT
Non-maskable
ILL<IL3>
0xFFF8
0x01F8
2
Internal
INTWUC
IMF AND EIRL<EF4> = 1
ILL<IL4>
0xFFF6
0x01F6
5
Internal
INTTBT
IMF AND EIRL<EF5> = 1
ILL<IL5>
0xFFF4
0x01F4
6
Internal
INTRXD0 / INTSIO0
IMF AND EIRL<EF6> = 1
ILL<IL6>
0xFFF2
0x01F2
7
Internal
INTTXD0
IMF AND EIRL<EF7> = 1
ILL<IL7>
0xFFF0
0x01F0
8
External
INT5
IMF AND EIRH<EF8> = 1
ILH<IL8>
0xFFEE
0x01EE
9
Internal
INTVLTD
IMF AND EIRH<EF9> = 1
ILH<IL9>
0xFFEC
0x01EC
10
Internal
INTADC
IMF AND EIRH<EF10> = 1
ILH<IL10>
0xFFEA
0x01EA
11
Internal
INTRTC
IMF AND EIRH<EF11> = 1
ILH<IL11>
0xFFE8
0x01E8
12
Internal
INTTC00
IMF AND EIRH<EF12> = 1
ILH<IL12>
0xFFE6
0x01E6
13
Internal
INTTC01
IMF AND EIRH<EF13> = 1
ILH<IL13>
0xFFE4
0x01E4
14
Internal
INTTCA0
IMF AND EIRH<EF14> = 1
ILH<IL14>
0xFFE2
0x01E2
15
Internal
INTSBI0/INTSIO0
IMF AND EIRH<EF15> = 1
ILH<IL15>
0xFFE0
0x01E0
16
External
INT0
IMF AND EIRE<EF16> = 1
ILE<IL16>
0xFFDE
0x01DE
17
External
INT1
IMF AND EIRE<EF17> = 1
ILE<IL17>
0xFFDC
0x01DC
18
External
INT2
IMF AND EIRE<EF18> = 1
ILE<IL18>
0xFFDA
0x01DA
19
External
INT3
IMF AND EIRE<EF19> = 1
ILE<IL19>
0xFFD8
0x01D8
20
External
INT4
IMF AND EIRE<EF20> = 1
ILE<IL20>
0xFFD6
0x01D6
21
Internal
INTTCA1
IMF AND EIRE<EF21> = 1
ILE<IL21>
0xFFD4
0x01D4
22
Internal
INTRXD1
IMF AND EIRE<EF22> = 1
ILE<IL22>
0xFFD2
0x01D2
23
Internal
INTTXD1
IMF AND EIRE<EF23> = 1
ILE<IL23>
0xFFD0
0x01D0
24
Internal
INTTC02
IMF AND EIRD<EF24> = 1
ILD<IL24>
0xFFCE
0x01CE
25
Internal
INTTC03
IMF AND EIRD<EF25> = 1
ILD<IL25>
0xFFCC
0x01CC
26
--
-
-
-
-
-
--
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com