Electronic Components Datasheet Search
  English  ▼

X  

TMP89FH46 Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP89FH46
Description  8 Bit Microcontroller
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FH46 Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP89FH46 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 390 page
background image
Page 71
TMP89FH46
RA000
Note 1: WDST<WINTST2> and WDST<WINTST1> are cleared to "0" by reading WDST.
Note 2: Values after reset are read from bits 7 to 3 of WDST.
5.3
Functions
The watchdog timer can detect the CPU malfunctions and deadlock by detecting the overflow of the 8-bit up
counter and detecting releasing of the 8-bit up counter outside the clear time.
The watchdog timer stoppage and other abnormalities can be detected by reading the count value of the 8-bit up
counter at random times and comparing the value to the last read value.
5.3.1
Setting of enabling/disabling the watchdog timer operation
Setting WDCTR<WDTEN> to "1" enables the watchdog timer operation, and the 8-bit up counter starts
counting the source clock.
WDCTR<WDTEN> is initialized to "1" after the warm-up operation that follows reset is released. This
means that the watchdog timer is enabled.
To disable the watchdog timer operation, clear WDCTR<WDTEN> to "0" and write 0xB1 into WDCDR.
Disabling the watchdog timer operation clears the 8-bit up counter to "0".
Note:If the overflow of the 8-bit up counter occurs at the same time as 0xB1 (disable code) is written into WDCDR
with WDCTR<WDTEN> set at "1", the watchdog timer operation is disabled preferentially and the overflow
detection is not executed.
To re-enable the watchdog timer operation, set WDCTR<WDTEN> to "1". There is no need to write a con-
trol code into WDCDR.
Figure 5-2 WDCTR<WDTEN> Set Timing and Overflow Time
Watchdog timer status
WDST
(0x0FD7)
76543
210
Bit Symbol
-----
WINTST2
WINTST1
WDTST
Read/Write
RRRRRRRR
After reset
01011
001
WINTST2
Watchdog timer interrupt request
signal factor status 2
0 :
1 :
No watchdog timer interrupt request signal has occurred.
A watchdog timer interrupt request signal has occurred due to the over-
flow of the 8-bit up counter.
WINTST1
Watchdog timer interrupt request
signal factor status 1
0 :
1 :
No watchdog timer interrupt request signal has occurred.
A watchdog timer interrupt request signal has occurred due to releasing of
the 8-bit up counter outside the clear time.
WDTST
Watchdog timer operating state sta-
tus
0 :
1 :
Operation disabled
Operation enabled
8-bit up counter value
Watchdog timer source clock
WDCTR<WDTEN>
00H
01H
FFH
WDCTR<WDTEN>
Interrupt request signal
00H
Overflow time
Overflow time
1 clock (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com