Electronic Components Datasheet Search
  English  ▼

X  

TMP89FH46 Datasheet(PDF) 89 Page - Toshiba Semiconductor

Part # TMP89FH46
Description  8 Bit Microcontroller
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FH46 Datasheet(HTML) 89 Page - Toshiba Semiconductor

Back Button TMP89FH46 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 91Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 92Page - Toshiba Semiconductor TMP89FH46 Datasheet HTML 93Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 390 page
background image
Page 75
TMP89FH46
RA000
6. Power-on Reset Circuit
The power-on reset circuit generates a reset when the power is turned on. When the supply voltage is lower than
the detection voltage of the power-on reset circuit, a power-on reset signal is generated.
6.1
Configuration
The power-on reset circuit consists of a reference voltage generation circuit and a comparator.
The supply voltage divided by ladder resistor is compared with the voltage generated by the reference voltage gen-
eration circuit by the comparator.
Figure 6-1 Power-on Reset Circuit
6.2
Function
When power supply voltage goes on, if the supply voltage is equal to or lower than the releasing voltage of the
power-on reset circuit, a power-on reset signal is generated and if it is higher than the releasing voltage of the power-
on reset circuit, a power-on reset signal is released.
When power supply voltage goes down, if the supply voltage is equal to or lower than the detecting voltage of the
power-on reset circuit, a power-on reset signal is generated.
Until the power-on reset signal is generated, a warm-up circuit and a CPU is reset.
When the power-on reset signal is released, the warm-up circuit is activated. The reset of the CPU and peripheral
circuits is released after the warm-up time that follows reset release has elapsed.
Increase the supply voltage into the operating range during the period from detection of the power-on reset release
voltage until the end of the warm-up time that follows reset release. If the supply voltage has not reached the operat-
ing range by the end of the warm-up time that follows reset release, the TMP89FH46 cannot operate properly.
VDD
Power-on reset signal
Comparator
Reference voltage
generation circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com