| Electronic Components Datasheet Search |
|
TMP89FH46 Datasheet(PDF) 97 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FH46 Datasheet(HTML) 97 Page - Toshiba Semiconductor |
|
97 / 390 page ![]() Page 83 TMP89FH46 RA005 8. I/O Ports Note: P00 and P01 pins can not be used for the I/O port, because they should be connected with the high frequency OSC input. Each output port contains a latch, which holds the output data. No input port has a latch, so the external input data should be externally held until the input data is read from outside or reading should be performed several times before processing. Figure 8-1 shows input/output timing examples. External data is read from an I/O port in the read cycle during execution of the read instruction. This timing cannot be recognized from outside, so that transient input such as chattering must be processed by the program. Data is out- put to an I/O port in the next cycle of the write cycle during execution of the write instruction. Figure 8-1 Input/Output Timing (Example) Note: The positions of the read and write cycles may vary, depending on the instruction. Table 8-1 List of I/O Ports Port name Pin name Number of pins Input/output Secondary functions Port P0 P03 to P00 (Note) 4 (Note) Input/output Also used as the high-frequency oscillator connection pin and the low-frequency oscillator connection pin Port P1 P13 to P10 4 Input/output Also used as the external reset input, the external interrupt input and the STOP mode release signal input Port P2 P27 to P20 8 Input/output Also used as the UART input/output, the serial interface input/output and the serial bus interface input/output Port P4 P47 to P40 8 Input/output Also used as the analog input and the key-on wakeup input Port P7 P77 to P70 8 Input/output Also used as the timer counter input/output, the divider output and the external interrupt input Port P8 P83 to P80 4 Input/output Also used as the timer counter input/output Port P9 P91 to P90 2 Input/output Also used as the UART input/output Port PB PB7 to PB4 4 Input/output Also used as the UART input/output and the serial interface input/out- put Instruction execution cycle System clock Internal read signal Data input Example: LD A, (x) Fetch cycle Fetch cycle Read cycle Instruction execution cycle Internal write signal Data input Example: LD (x), A Fetch cycle Fetch cycle (a) Input timing Write cycle (b) Input timing System clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |