Electronic Components Datasheet Search
  English  ▼

X  

DP8051XP Datasheet(PDF) 3 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 3 Page - Digital Core Design

  DP8051XP Datasheet HTML 1Page - Digital Core Design DP8051XP Datasheet HTML 2Page - Digital Core Design DP8051XP Datasheet HTML 3Page - Digital Core Design DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
○
○
○
○
○
○
○
○
♦
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Floating-Point math coprocessor - IEEE-
754 standard single precision real, word
and short integers
FADD, FSUB- addition, subtraction
FMUL, FDIV- multiplication, division
FSQRT- square root
FUCOM- compare
FCHS - change sign
FABS - absolute value
FSIN, FCOS- sine, cosine
FTAN, FATAN- tangent, arcs tangent
CONFIGURATION
The following parameters of the DP8051XP
core can be easy adjusted to requirements of
dedicated application and technology. Configu-
ration of the core can be prepared by effortless
changing appropriate constants in package file.
There is no need to change any parts of the
code.
- synchronous
•
Internal Program Memory
type
- asynchronous
-
•
Internal Program ROM
Memory size
-
0 - 64kB
-
•
Internal Program RAM
Memory size
-
0 - 64kB
- true
•
Internal Program Memory
fixed size
- false
- used
•
Second Data Pointer
(DPTR1)
- unused
- used
• DPTR0 decrement
- unused
- used
• DPTR1 decrement
- unused
- used
• Data Pointers auto-switch
- unused
• Interrupts
-
subroutines
location
- used
• Timing access protection
- unused
- used
• Power Management Mode
- unused
- used
• Stop mode
- unused
- used
• DoCD™ debug unit
- unused
Besides mentioned above parameters all
available peripherals and external interrupts
can be excluded from the core by changing
appropriate constants in package file.
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environment
Active-HDL automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, minor and
major versions changes
●
Delivery the documentation updates
●
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implementa-
tion. It also permits FPGA prototyping before
ASIC production.
Unlimited Designs
license allows using IP Core
in unlimited number of FPGA bitstreams and
ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time of use
limitations.
●
○
Single Design license for
VHDL, Verilog source code called HDL Sour-
ce
○ Encrypted, or plain text EDIF called Netlist
●
○
○
●
○
○
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
Netlist to HDL Source
Single Design to Unlimited Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com