Electronic Components Datasheet Search
  English  ▼

X  

DP8051XP Datasheet(PDF) 7 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 7 Page - Digital Core Design

Back Button DP8051XP Datasheet HTML 3Page - Digital Core Design DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design DP8051XP Datasheet HTML 10Page - Digital Core Design DP8051XP Datasheet HTML 11Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Extended Interrupt Enable (EIE), Extended
Interrupt priority (EIP) and (TCON) registers.
I/O Ports
– Block contains 8051’s general pur-
pose I/O ports. Each of port’s pin can be
read/write as a single bit or as an 8-bit bus
called P0, P1, P2, and P3.
Power Management Unit
– Block contains
advanced power saving mechanisms with
switchback feature, allowing external clock
control logic to stop clocking (Stop mode) or
run core in lower clock frequency (Power Man-
agement Mode) to significantly reduce power
consumption.
Switchback
feature
allows
UARTs, and interrupts to be processed in full
speed mode if enabled. It is very desired when
microcontroller is planned to use in portable
and power critical applications.
DoCD™ Debug Unit
– it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other on-
chip debuggers DoCD™ provides non-intrusive
debugging of running application. It can halt,
run, step into or skip an instruction, read/write
any contents of microcontroller including all
registers, internal, external, program memo-
ries, all SFRs including user defined peripher-
als. Hardware breakpoints can be set and con-
trolled on program memory, internal and exter-
nal data memories, as well as on SFRs. Hard-
ware breakpoint is executed if any write/read
occurred at particular address with certain data
pattern or without pattern. Two additional pins
CODERUN, DEBUGACS indicate the sate of
the debugger and CPU. CODERUN is active
when CPU is executing an instruction. DE-
BUGACS pin is active when any access is per-
formed by DoCD™ debugger. The DoCD™
system includes JTAG interface and complete
set of tools to communicate and work with core
in real time debugging. It is built as scalable
unit and some features can be turned off to
save silicon and reduce power consumption. A
special care on power consumption has been
taken, and when debugger is not used it is
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
Floating Point Unit
– Block contains floating
point arithmetic IEEE-754 compliant instruc-
tions (C float, int, long int types supported). It
is used to execute single precision floating
point operations such as: addition, subtraction,
multiplication, division, square root, compari-
son absolute value of number and change of
sign. Basing on specialized CORDIC algorithm
a full set of trigonometric operations are also
allowed: sine, cosine, tangent, arctangent. It
also has built-in integer to floating point and
vice versa conversion instructions. FPU sup-
ports single precision real numbers, 16-bit and
32-bit signed integers. This unit has included
standard software interface allows easy usage
and interfacing with user C/ASM written pro-
grams.
MDU32 Multiply Divide Unit
– It’s a fixed
point fast 16-bit and 32-bit multiplication and
division unit. It supports unsigned and 2’s
complement signed integer operands. The
MDU32 is controlled by dedicated direct mem-
ory access module (called DMA). All argu-
ments and result registers are automatically
read and written back by internal DMA. This
unit has included standard software interface
allows easy usage and interfacing with user
C/ASM written programs. This module is re-
placement of older MDU.
Timers
– System timers’ module. Contains two
16 bits configurable timers: Timer 0 (TH0,
TL0), Timer 1 (TH1, TL1) and Timers Mode
(TMOD) registers. In the timer mode, timer
registers are incremented every 12 CLK peri-
ods when appropriate timer is enabled. In the
counter mode the timer registers are incre-
mented every falling transition on their corre-
sponding input pins (T0, T1), if gates are
opened (GATE0, GATE1). T0, T1 input pins
are sampled every CLK period. It can be used
as clock source for UARTs.
Timer 2
– Second system timer module con-
tains one 16-bit configurable timer: Timer 2
(TH2, TL2), capture registers (RLDH, RLDL)
and Timer 2 Mode (T2MOD) register. It can
work as a 16-bit timer / counter, 16-bit auto-
reload timer / counter. It also supports com-
pare capture unit if it’s presented in system. It
can be used as clock source for UART0.
Compare Capture Unit
– The compare / cap-
ture / reload unit is one of the most powerful
peripheral units of the core. It can be used for
all kinds of digital signal generation and event
capturing such as pulse generation, pulse
width modulation, measurements etc.
Watchdog Timer
– The watchdog timer is a
27-bit counter which is incremented every sys-
tem clock periods (CLK pin). It performs sys-
tem protection against software upsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com