Electronic Components Datasheet Search
  English  ▼

X  

DP8051XP Datasheet(PDF) 10 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 10 Page - Digital Core Design

Back Button DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design DP8051XP Datasheet HTML 10Page - Digital Core Design DP8051XP Datasheet HTML 11Page - Digital Core Design DP8051XP Datasheet HTML 12Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
fre-
quency
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DP8051XP
STRATIX-II
150 MHz
31386 (17.85)
Core performance in terms of Dhrystones
268
1550
31386
0
3000
6000
9000
12000
15000
18000
21000
24000
27000
30000
33000
80C51 (12MHz)
80C310 (33MHz)
DP8051XP (150MHz)
Area utilized by the each unit of DP8051XP
core in vendor specific technologies is summa-
rized in table below.
Area
Component
[LC]
[FFs]
CPU*
1620
285
DPTR1 register
50
32
DPTR0 decrement
40
0
DPTR1 decrement
40
0
DPTR0 & DPTR1 auto-switch
30
8
Timed Access protection
20
10
Interrupt Controller
150
40
INT2-INT6
100
25
Power Management Unit
10
5
I/O ports
100
35
Timers
160
50
Timer 2
170
60
UART0
210
60
UART1
210
60
Master I2C Unit
260
120
Slave I2C Unit
160
70
SPI Unit
110
55
Compare Capture Unit
150
60
Watchdog Timer
100
45
Multiply Divide Unit
500
105
Total area
4190
1120
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in all technologies except
STRATIX-II
Area
Component
[LC]
[FFs]
CPU*
1265
285
DPTR1 register
40
32
DPTR0 decrement
30
0
DPTR1 decrement
30
0
DPTR0 & DPTR1 auto-switch
25
8
Timed Access protection
15
10
Interrupt Controller
120
40
INT2-INT6
75
25
Power Management Unit
10
5
I/O ports
75
35
Timers
125
50
Timer 2
135
60
UART0
165
60
UART1
165
60
Master I2C Unit
220
120
Slave I2C Unit
125
70
SPI Unit
85
55
Compare Capture Unit
120
60
Watchdog Timer
75
45
Multiply Divide Unit
800
105
Total area
3700
1120
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization in STRATIX-II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com