Electronic Components Datasheet Search
  English  ▼

X  

DP8051XP Datasheet(PDF) 9 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 9 Page - Digital Core Design

Back Button DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design DP8051XP Datasheet HTML 10Page - Digital Core Design DP8051XP Datasheet HTML 11Page - Digital Core Design DP8051XP Datasheet HTML 12Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
vice. Because of relatively long access time
the program code executed from mentioned
above devices must be fetched with additional
Wait-States. Number of required Wait-States
depends
on
memory
access
time
and
DP8051XP clock frequency. In most cases the
proper number of Wait-States cycles is be-
tween 2-5. The READY pin can be also dy-
namically modulated e.g. by SDRAM control-
ler.
0x0400
0xF000
On-chip Memory
(implemented as ROM)
On chip Memory
(implemented as RAM)
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
0x0000
0xFFFF
The figure below shows a typical Program
Memories
connections
in
system
with
DP8051XP Microcontroller core.
10
12
8
prgaddr
On-chip Memory
(implemented as ROM)
0 Wait-State access
On-
chip Memory
(implemented as RAM)
0 Wait-State access
prgromdata
i
prgramdatai
prgdatao
prgramwr
8
xdatai
8
8
xdatao
xaddr
16
xprgrd
xprgwr
Off-chip Memory
(implemented as
FLASH, or SRAM)
eg. 2-5 Wait-State
access
ASIC or FPGA
chip
ready
Wait-States
manager
DP8051XP
The described above implementation should be
treated as an example. All Program Memory
spaces are fully configurable. For timing-critical
applications whole program code can be imple-
mented as on-chip ROM and (or) RAM and
executed without Wait-States, but for some
other applications whole program code can be
implemented as off-chip ROM or FLASH and
executed with required number Wait-State cy-
cles.
PERFORMANCE
The following tables give a survey about the
Core area and performance in Programmable
Logic Devices after Place & Route (CPU fea-
tures and peripherals have been included):
Device
Speed grade
Fmax
FLEX10KE
-1
50 MHz
ACEX1K
-1
50 MHz
APEX20K
-1
45 MHz
APEX20KE
-1
55 MHz
APEX20KC
-7
66 MHz
APEX-II
-7
72 MHz
MERCURY
-5
95 MHz
CYCLONE
-6
85 MHz
CYCLONE-II
-6
91 MHz
STRATIX
-5
92 MHz
STRATIX-II
-3
154 MHz
Core performance in ALTERA® devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and theirs improvement
are shown in table below. Improvement was
computed as {80C51 clock periods} divided by
{DP8051XP clock periods} required to execute
an identical function. More details are available
in core documentation.
Function
Improvement
8-bit addition (immediate data)
9,00
8-bit addition (direct addressing)
9,00
8-bit addition (indirect addressing)
9,00
8-bit addition (register addressing)
12,00
8-bit subtraction (immediate data)
9,00
8-bit subtraction (direct addressing)
9,00
8-bit subtraction (indirect addressing)
9,00
8-bit subtraction (register addressing)
12,00
8-bit multiplication
16,00
8-bit division
9,60
16-bit addition
12,00
16-bit subtraction
12,00
16-bit multiplication
13,60
32-bit addition
12,00
32-bit subtraction
12,00
32-bit multiplication
12,60
Average speed improvement:
11,12
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DP8051XP per-
formance in terms of Dhrystone/sec and VAX
MIPS rating.
Device
Target
Clock
Dhry/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com