Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4292
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 6Page - Analog Devices LTC4292 Datasheet HTML 7Page - Analog Devices LTC4292 Datasheet HTML 8Page - Analog Devices LTC4292 Datasheet HTML 9Page - Analog Devices LTC4292 Datasheet HTML 10Page - Analog Devices LTC4292 Datasheet HTML 11Page - Analog Devices LTC4292 Datasheet HTML 12Page - Analog Devices LTC4292 Datasheet HTML 13Page - Analog Devices LTC4292 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet
LTC9105
THEORY OF OPERATION
analog.com
Rev. A | 10 of 22
OVERVIEW
The LTC9105 is an IEEE 802.3af/at/bt-compliant powered device
(PD) interface controller, allowing up to 90W operation while main-
taining backwards compatibility with existing power sourcing equip-
ment (PSE). The I2C interface on the LTC9105 provides a simple
and standard interface for the read back of the PD interface control-
ler's input state, including PSE allocated power, auxiliary power
supply presence, input voltage, and system current. Further, the
LTC9105 can be configured through I2C. Two LTC9105s, or a single
LTC9105 and an optional auxiliary supply, can provide hot backup
applications with automatic, seamless fail-over. An LTC9105 can
also be configured not to apply power to downstream circuitry when
the attached PSE provides insufficient power for the PD application.
The LTC9105 controls a low RDS(ON) N-channel MOSFET to max-
imize efficiency and delivered power. System current is sensed
across a 50mΩ resistor. Analog Devices also provides a complete
family of PSE, PD, and ideal bridge solutions. See Related Parts
section at the end of this data sheet for more information.
MODES OF OPERATION
Detection Signature
During detection, the PSE looks for a 25kΩ signature resistor, which
identifies the device as a PD. The PSE applies two voltages in the
range of 2.7V to 10.1V and measures the corresponding currents.
Figure 15 shows the detection voltages. The PSE calculates the
signature resistance using a ∆V/∆I measurement technique.
The LTC9105 presents the external signature resistor by connect-
ing the RSIG pin to RTN, allowing the PSE to recognize that the PD
is present and requesting power to be applied. A value of 24.9kΩ is
recommended for the external signature resistor.
IEEE 802.3bt Single-Signature vs Dual-Signature PDs
IEEE 802.3bt defines two PD topologies: single-signature and du-
al-signature. The LTC9105 primarily targets single-signature PD
topologies, eliminating the need for a second PD controller. All
PD descriptions and IEEE 802.3 standard references in this data
sheet are limited in scope to single-signature PDs. The LTC9105
may also be deployed in dual-signature PD applications. For more
information, contact Analog Devices.
Figure 15. Type 3 or 4 PSE, Detection and 1-Event Class Sequence
IEEE 802.3bt Physical Classification, Mark, and Demotion
IEEE 802.3af/at/bt defines physical layer classification to allow a
PD to request a power allocation from the connected PSE and to
allow the PSE to inform the PD of the PSE’s available power. A
PSE, after a successful detection, may apply a classification probe
voltage of 14.5V to 20.5V and measure the PD classification signa-
ture current. Once the PSE applies a classification probe voltage,
the PSE may return the PD voltage to the mark voltage range
before applying another classification probe voltage, or powering up
the PD. An IEEE 802.3bt PSE may apply as many as five events
before powering up the PD.
IEEE 802.3af/at/bt defines nine PD classes and four PD types. The
LTC9105 requested class is configured by connecting RCLSA and
RCLSB to RTN with 1% resistors, as shown in Table 6.
Table 6. IEEE 802.3bt Single-Signature Classification, Power Levels, and
Resistor Selection
PD Re-
quested
Class
PD Re-
quested
Power (W)
PD Type
Nominal
Class Cur-
rent (mA) RCLSA (Ω) RCLSB (Ω)
0
13
Type 1
2.5
487
Open
1
3.84
Type 1 or 3
10.5
97.6
Open
2
6.49
Type 1 or 3
18.5
54.9
Open
3
13
Type 1 or 3
28
35.7
Open
4
25.5
Type 2 or 3
40
24.9
Open
5
40
Type 3
40 / 2.5
487
26.1
6
51
Type 3
40 / 10.5
97.6
33.2
7
62
Type 4
40 / 18.5
54.9
45.3
8
71.3
Type 4
40 / 28
35.7
78.7
A PD is demoted when the requested power level is not available
from the PSE. If demoted, the PD must operate in a lower power
state. The PSE allocated power is determined by the PD requested
Class and the pse_mark field, as shown in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com