Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4292
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 10Page - Analog Devices LTC4292 Datasheet HTML 11Page - Analog Devices LTC4292 Datasheet HTML 12Page - Analog Devices LTC4292 Datasheet HTML 13Page - Analog Devices LTC4292 Datasheet HTML 14Page - Analog Devices LTC4292 Datasheet HTML 15Page - Analog Devices LTC4292 Datasheet HTML 16Page - Analog Devices LTC4292 Datasheet HTML 17Page - Analog Devices LTC4292 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet
LTC9105
THEORY OF OPERATION
analog.com
Rev. A | 14 of 22
Table 9. Power Priority Modes and Behaviors (Continued)
Mode
priority
stdby_dis
MOSFET State
Description
Cold Secondary
0
1
OFF
MPS current is drawn automatically, to keep the PoE input powered. If the
primary input drops, as sensed at AUX pin, the MPS current is removed
and the LTC9105’s MOSFET remains disabled, enabling a port power
cycle.
AUTOMATIC MAINTAIN POWER SIGNATURE
A PSE removes power when a connected PD no longer draws
a minimum amount of current, known as the maintain power
signature (MPS) current. The LTC9105 implements an Automatic
MPS feature, which detects when the current falls below the DC
MPS threshold (20mA typ., RSNSP-SNSN = 50mΩ) and automatically
generates a current pulse to maintain PoE power. This feature is
enabled by default at power-up.
Figure 18 shows an example of Automatic MPS timing. The
LTC9105's MPS state machine works on a 100ms (typ.) time base.
An MPS pulse is issued when the average current over a 100ms
(typ.) period drops below the DC MPS threshold. The MPS pulse
current has an amplitude greater than 20mA and a duration of
100ms (typ.). No pulses are issued in the following 200ms (typ.).
The LTC9105 stops drawing MPS pulse current once the average
current is above the DC MPS threshold.
Automatic MPS is disabled in one of two conditions. First is when
the inrush timer expires, that is, if power up of the load does not
complete within 93.75ms (typ.). And second, when stdby_dis is
set to 1 and an auxiliary supply is not present (when aux_status
reports 0; when AUX < VAUX_TH).
Figure 18. MPS Timing
ANALOG-TO-DIGITAL CONVERTERS (ADC)
The LTC9105 has two first order delta sigma analog-to-digital
converters (ADCs) that simultaneously measure application current
and supply voltage. The converters operate at an over sample rate
(OSR) of 2.5MHz (typ.) and complete a full conversion every 100ms
(typ.). First order delta sigma converters provide superior perform-
ance for power monitoring applications because the measured sig-
nals are averaged with even weight across the conversion period.
Delta-sigma converters produce a mean average by integrating
the area under the signal curve across the conversion period. Fur-
thermore, simultaneous conversion of voltage and current allows
high accuracy power calculations, ensuring the voltage and current
factors are sampled during the same period.
Measuring application power at the PD controller input captures
the DC/DC conversion losses missed by traditional power monitors
after the converter. Analog Devices recommends using the LT4321
ideal diode bridge for minimal bridge voltage drop and increased
telemetry accuracy with respect to the RJ45 input (see PoE Input
Bridge in External Component Selection).
VIN Readback
When configured to report voltage telemetry by clearing the
padc_en bit, the LTC9105 continuously measures the VIN volt-
age with a dedicated A/D converter. This measurement is fully
synchronized to the current measurement and can continue to
monitor until VIN drops below VOFF. This telemetry is updated every
100ms.
When the padc_data bit reports '0', the voltage_power field
contains voltage readings.
Power Readback
When configured to report power telemetry by setting the padc_en
bit, the LTC9105 continuously measures the PD power by inter-
nally multiplying port voltage and current, and reports the power
telemetry to the voltage_power field. This measurement is fully
synchronized to the current and voltage measurements and can
continue to monitor until VIN drops below VOFF. This telemetry is
updated every 100ms.
When the padc_data bit reports '1', the voltage_power field
contains power readings.
Current Readback
The LTC9105 measures the voltage across the SNSP and SNSN
pins through a 50mΩ sense resistor. This measurement is fully
synchronized to the power/voltage measurements and can continue
to monitor until VIN drops below VOFF. Current telemetry is reported
to the current field. This telemetry is updated every 100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com