Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 38 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 34Page - Analog Devices LTM8065 Datasheet HTML 35Page - Analog Devices LTM8065 Datasheet HTML 36Page - Analog Devices LTM8065 Datasheet HTML 37Page - Analog Devices LTM8065 Datasheet HTML 38Page - Analog Devices LTM8065 Datasheet HTML 39Page - Analog Devices LTM8065 Datasheet HTML 40Page - Analog Devices LTM8065 Datasheet HTML 41Page - Analog Devices LTM8065 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
38 of 43
Figure 73. Two LTM8060F are Paralleled to Supply 1V at 32A Output
with 45° Phase-Shift Interleaving Through All Eight Channels
*Output current capability (transient peak or continuous) is subject to environmental factors such as ambient
temperature, airflow, or other cooling techniques. For different VIN, VOUT, and TA conditions, see the notes section
(Note 3) of the Electrical Characteristics table and the derating curves in the Applications Information section.
4.7µF
×4
100kΩ
100kΩ
100µF
4×
4.7µF
4×
100kΩ
100kΩ
100µF
×4
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
VOUT1
VIN
VOUT2
3V TO 40V
VIN34
RUN3
RT34
VOUT3
GND
VOUT4
RUN4
VIN1
RUN1
RT12
VIN2
RUN2
VOUT1
VOUT2
VIN34
RUN3
RT34
VOUT3
GND
VOUT4
RUN4
SYNC34
LTC6909
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
SYNC12
SYNC34
fSW = 400kHz
PINS NOT USED:
AUX1, AUX2. AUX3, AUX4,
BIAS12, BIAS34,
PG1, PG2, PG3, PG4,
CLKOUT12, CLKOUT34
249kΩ
FB1
FB3
FB2
FB4
249kΩ
FB1
FB3
FB2
FB4
C4
4.7nF
LTM8060F
LTM8060F
VOUT
1V
UP TO 32A*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com