Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices LTM8065 Datasheet HTML 28Page - Analog Devices LTM8065 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
25 of 43
fSW
(MHz)
RT
(kΩ)
0.2
200
0.3
137
0.4
100
0.5
76.8
0.6
64.9
0.7
54.9
0.8
46.4
0.9
41.2
1.0
35.7
1.2
27.4
1.4
23.2
1.6
19.6
1.8
16.9
2.0
14.7
2.2
12.7
2.4
11.3
2.6
10.2
2.8
9.09
3.0
8.06
BIASn Pin Considerations
The BIASn pin provides drive power for the internal power switching stage and operates other internal circuitry. For
proper operation, it must be powered by at least 3.2V. If the output voltage is programmed to 3.2V or higher, BIASn
may be simply connected to VOUTn. If VOUTn is less than 3.2V, BIASn can be connected to VINn or some other voltage
source. If the BIASn pin voltage is too high, the efficiency of the LTM8060F may suffer. The optimum BIASn voltage
is dependent upon many factors, such as load current, input voltage, output voltage, and switching frequency. In
all cases, ensure that the maximum voltage at the BIASn pin is less than 10V. If BIASn power is applied from a
remote or noisy voltage source, it may be necessary to apply a decoupling capacitor locally to the pin. A 1µF
ceramic capacitor works well. The BIASn pin may also be connected to GND at the cost of a small degradation in
efficiency.
Maximum Load
The maximum practical continuous load that the LTM8060F can drive per channel, while rated at 3A (4A peak),
depends upon both the internal current limit and the internal temperature. The internal current limit is designed to
prevent damage to the LTM8060F in the case of overload or short-circuit. The internal temperature of the LTM8060F
depends upon operating conditions such as the ambient temperature, the power delivered, and the heat-sinking
capability of the system. For example, if VOUT1of LTM8060F is configured to regulate at 1.5V, and the other three
channels are turned off, VOUT1 may continuously deliver 4A from 24VIN if the ambient temperature is controlled to
less than 60°C. This is much higher than the 3A (4A peak) rating. See the Typical Performance Characteristics
section. Similarly, if all four channels of the LTM8060F are delivering 3.3VOUT and the ambient temperature is 100°C,
each channel will deliver at most 1.5A from 24VIN, which is less than the 3A (4A peak) rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com