Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices LTM8065 Datasheet HTML 26Page - Analog Devices LTM8065 Datasheet HTML 27Page - Analog Devices LTM8065 Datasheet HTML 28Page - Analog Devices LTM8065 Datasheet HTML 29Page - Analog Devices LTM8065 Datasheet HTML 30Page - Analog Devices LTM8065 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
27 of 43
Figure 56. 5VOUT Power Loss Curves
Figure 57. 12VIN to 1.5VOUT Derating with Airflow
Figure 58. 24VIN to 1.5VOUT Derating with Airflow
Figure 59. 36VIN to 1.5VOUT Derating with Airflow
Figure 60. 12VIN to 3.3VOUT Derating with Airflow
Figure 61. 24VIN to 3.3VOUT Derating with Airflow
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
1
2
3
4
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com