Electronic Components Datasheet Search
  English  ▼

X  

IL422 Datasheet(PDF) 4 Page - NVE Corporation

Part # IL422
Description  Isolated RS422/RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL422 Datasheet(HTML) 4 Page - NVE Corporation

  IL422 Datasheet HTML 1Page - NVE Corporation IL422 Datasheet HTML 2Page - NVE Corporation IL422 Datasheet HTML 3Page - NVE Corporation IL422 Datasheet HTML 4Page - NVE Corporation IL422 Datasheet HTML 5Page - NVE Corporation IL422 Datasheet HTML 6Page - NVE Corporation IL422 Datasheet HTML 7Page - NVE Corporation IL422 Datasheet HTML 8Page - NVE Corporation IL422 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IL422
4
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
IL422 Pin Connections
1
VDD1
Input Power Supply
2
GND1
Input Power Supply Ground*
3
R
Output Data from Bus
4
RE
Read Data Enable
(if RE is high, R = high impedance)
5
DE
Drive Enable
6
D
Data Input to Bus
7
NC
No Internal Connection
8
GND1
Input Power Supply Ground*
9
GND2
Output Power Supply Ground*
10
ISODE
Isolated DE Output for use in Profibus
applications where the state of the isolated
drive enable node needs to be monitored
11
Y
Y Bus (Drive – True)
12
Z
Z Bus (Drive – Inverse)
13
B
B Bus (Receive – Inverse)
14
A
A Bus (Receive – True)
15
GND2
Output Power Supply Ground*
16
VDD2
Output Power Supply
VDD
1
VDD
2
GND
1
D
GND
2
R
A
RE
B
DE
Z
NC
Y
ISODE
GND
1
GND
2
IL422
*NOTE: Pins 2 and 8 are internally connected, as are pins 9 and 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com