Electronic Components Datasheet Search
  English  ▼

X  

IL422 Datasheet(PDF) 5 Page - NVE Corporation

Part # IL422
Description  Isolated RS422/RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL422 Datasheet(HTML) 5 Page - NVE Corporation

  IL422 Datasheet HTML 1Page - NVE Corporation IL422 Datasheet HTML 2Page - NVE Corporation IL422 Datasheet HTML 3Page - NVE Corporation IL422 Datasheet HTML 4Page - NVE Corporation IL422 Datasheet HTML 5Page - NVE Corporation IL422 Datasheet HTML 6Page - NVE Corporation IL422 Datasheet HTML 7Page - NVE Corporation IL422 Datasheet HTML 8Page - NVE Corporation IL422 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IL422
5
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
Driver Section
Electrical specifications are Tmin to Tmax and VDD = 4.5 V to 5.5 V unless otherwise stated.
Parameters
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Input Clamp Voltage
VIK
−1.5
V
IL = −18 mA
Output voltage
VO
0
6
V
IO = 0
Differential Output Voltage(2)
|VOD1|
1.5
6
V
IO = 0
Differential Output Voltage(2)
|VOD2|
1.5
2.5
5
V
RL = 54 Ω, VDD = 5 V
Differential Output Voltage(2)(6)
VOD3
1.5
5
V
RL = 54 Ω, VDD = 4.5 V
Change in Magnitude of Differential
Output Voltage(7)
Δ
|VOD|
±0.2
V
RL = 54 Ω or 100 Ω
Common Mode Output Voltage
VOC
3
−1
V
RL = 54 Ω or 100 Ω
Change in Magnitude of Common
Mode Output Voltage(7)
Δ
|VOC|
±0.2
V
RL = 54 Ω or 100 Ω
Output Current(4) Output Disabled
IO
1
−0.8
mA
VO = 12 V
VO = −7 V
High Level Input Current
IIH
10
μ
A
VI = 3.5 V
Low Level Input Current
IIL
−10
μ
A
VI = 0.4 V
Short-circuit Output Current
IOS
250
−150
−250
mA
VO = −6 V
VO = 0 V
VO = 8 V
Supply Current
VDD1 = +5 V
VDD1 = +3.3 V
IDD1
IDD1
4
3
6
3
mA
No Load
(Outputs Enabled)
Switching Specifications
Parameters
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Maximum Data Rate
25
Mbps
RL = 54 Ω, CL = 50 pF
Differential Output Prop Delay
tD(OD)
16
25
ns
RL = 54 Ω, CL = 50 pF
Pulse Skew(10)
tS(P)
1
6
ns
RL = 54 Ω, CL = 50 pF
Differential Output Rise & Fall Time
tT(OD)
8
10
ns
RL = 54 Ω, CL = 50 pF
Output Enable Time to High Level
tPZH
31
65
ns
RL = 54 Ω, CL = 50 pF
Output Enable Time to Low Level
tPZL
22
35
ns
RL = 54 Ω, CL = 50 pF
Output Disable Time from High Level
tPHZ
28
50
ns
RL = 54 Ω, CL = 50 pF
Output Disable Time from Low Level
tPLZ
16
32
ns
RL = 54 Ω, CL = 50 pF
Skew Limit(3)
tSK(LIM)
2
8
ns
RL = 54 Ω, CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com