Electronic Components Datasheet Search
  English  ▼

X  

IL422 Datasheet(PDF) 9 Page - NVE Corporation

Part # IL422
Description  Isolated RS422/RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL422 Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL422 Datasheet HTML 4Page - NVE Corporation IL422 Datasheet HTML 5Page - NVE Corporation IL422 Datasheet HTML 6Page - NVE Corporation IL422 Datasheet HTML 7Page - NVE Corporation IL422 Datasheet HTML 8Page - NVE Corporation IL422 Datasheet HTML 9Page - NVE Corporation IL422 Datasheet HTML 10Page - NVE Corporation IL422 Datasheet HTML 11Page - NVE Corporation IL422 Datasheet HTML 12Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IL422
9
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
0.3" 16-pin SOIC Package
0.049 (1.24)
0.051 (1.30)
0.017 (0.43)*
0.022 (0.56)
0.292 (7.42)*
0.299 (7.59)
0.007 (0.18)*
0.010 (0.25)
0.260 (6.60)*
0.280 (7.11)
0.033 (0.85)*
0.043 (1.10)
0.007 (0.2)
0.013 (0.3)
Pin 1 identified by
either an indent
or a marked dot
0.08 (2.0)
0.10 (2.5)
0.397 (10.08)
0.413 (10.49)
0.394 (10.00)
0.419 (10.64)
0.092 (2.34)
0.105 (2.67)
0.004 (0.1)
0.012 (0.3)
0.016 (0.4)
0.050 (1.3)
NOTE: Pin spacing is a BASIC
dimension; tolerances
do not accumulate
0.013 (0.3)
0.020 (0.5)
Dimensions in inches (mm); scale = approx. 5X
*Specified for True 8™ package to guarantee 8 mm creepage per IEC 60601.
Ordering Information and Valid Part Numbers
IL 422 E TR13
Bulk Packaging
Blank = Tube
TR = 13'' Tape and Reel
Package
Blank = 80/20 Tin/Lead Plating
E = RoHS Compliant
Base Part Number
422 = RS-422 Transceiver
Product Family
IL = Isolators
Valid Part Numbers
IL422
IL422E
All IL422
part types are
available on
tape and reel.
RoHS
COMPLIANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com