Electronic Components Datasheet Search
  English  ▼

X  

IL422 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL422
Description  Isolated RS422/RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL422 Datasheet(HTML) 1 Page - NVE Corporation

  IL422 Datasheet HTML 1Page - NVE Corporation IL422 Datasheet HTML 2Page - NVE Corporation IL422 Datasheet HTML 3Page - NVE Corporation IL422 Datasheet HTML 4Page - NVE Corporation IL422 Datasheet HTML 5Page - NVE Corporation IL422 Datasheet HTML 6Page - NVE Corporation IL422 Datasheet HTML 7Page - NVE Corporation IL422 Datasheet HTML 8Page - NVE Corporation IL422 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IL422
Isoloop is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
REV. S
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
Isolated RS422/RS485 Interface
Functional Diagram
ISODE
A
B
Z
DE
D
R
RE
Y
IL422
IL422 Receiver
RE
R
V(A−B)
H
Z
X
L
H
≥
200 mV
L
L
≤
−200 mV
L
I
Open
IL422 Driver
DE
D
V(Y−Z)
L
X
Z
H
H
≥
1.5 V
H
L
≤
−1.5 V
Features
•
3.3 V Input Supply Compatible
•
25 ns Maximum Propagation Delay
•
25 Mbps Data Rate
•
1 ns Pulse Skew (typ.)
•
±60 mA Driver Output Capability
•
Thermal Shutdown Protection
•
Meets or Exceeds ANSI 422-B, EIA 485-A and
ITU Recommended V11
•
Low EMC Footprint
•
−40 °C to +85 °C Operating Temperature
•
PROFIBUS Compliant
•
2500 Vrms Isolation
•
IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
•
16-pin Wide-Body SOIC Package
Applications
Multi-point or multi-drop transmission on long bus lines in noisy
environments.
Description
The IL422 is a galvanically isolated, high-speed differential bus
transceiver, designed for bidirectional data communication on
balanced transmission lines. The devices use NVE’s patented*
spintronic Giant Magnetoresistance (GMR) technology. The IL422
was the first isolated RS-422 interface in a standard
16-pin SOIC package to meet the ANSI Standards EIA/TIA-422-B
and RS-485.
The IL422 has current limiting and thermal shutdown features to
protect against output short circuits and bus contention situations that
could cause excessive power dissipation.
H = High Level, L = Low Level
I = Indeterminate, X = Irrelevant, Z = High Impedance


Similar Part No. - IL422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
More results

Similar Description - IL422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Beckhoff Automation Gmb...
CX2500-0031 BECKHOFF-CX2500-0031 Datasheet
77Kb / 1P
Serial Interface RS485/RS422 for CX20xx, CX52xx
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com