Electronic Components Datasheet Search
  English  ▼

X  

IL422 Datasheet(PDF) 8 Page - NVE Corporation

Part # IL422
Description  Isolated RS422/RS485 Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL422 Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL422 Datasheet HTML 4Page - NVE Corporation IL422 Datasheet HTML 5Page - NVE Corporation IL422 Datasheet HTML 6Page - NVE Corporation IL422 Datasheet HTML 7Page - NVE Corporation IL422 Datasheet HTML 8Page - NVE Corporation IL422 Datasheet HTML 9Page - NVE Corporation IL422 Datasheet HTML 10Page - NVE Corporation IL422 Datasheet HTML 11Page - NVE Corporation IL422 Datasheet HTML 12Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IL422
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
www.nve.com
youtube.com/NveCorporation
iso-apps@nve.com
Application Information
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the
limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage could
range from performance degradation to complete failure.
Electromagnetic Compatibility
The IL422 is fully compliant with IEC 61000-6-1 and
IEC 61000-6-2 standards for immunity, and IEC 61000-6-3,
IEC 61000-6-4, CISPR, and FCC Class A standards for emissions.
Immunity to external magnetic fields is even higher if the field
direction is “end-to-end” rather than to “pin-to-pin” as shown in the
diagram below:
Cross-axis Field Direction
Dynamic Power Consumption
IsoLoop Isolators achieve their low power consumption from the
way they transmit data across the isolation barrier. By detecting the
edge transitions of the input logic signal and converting these to
narrow current pulses, a magnetic field is created around the GMR
Wheatstone bridge. Depending on the direction of the magnetic
field, the bridge causes the output comparator to switch following
the input logic signal. Since the current pulses are narrow, about
2.5 ns, the power consumption is independent of mark-to-space
ratio and solely dependent on frequency. This has obvious
advantages over optocouplers, which have power consumption
heavily dependent on frequency and time.
The approximate power supply current per channel is:
IIN = 40 x
f
x
1
mA
Where f = operating frequency
fMAX = 50 MHz
Power Supply Decoupling
VDD1 and VDD2 should be bypassed with 0.1 µF typical
(0.047 µF minimum) capacitors as close as possible to the VDD
pins.
fMAX
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com