Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 3 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 3 Page - NVE Corporation

  IL4822 Datasheet HTML 1Page - NVE Corporation IL4822 Datasheet HTML 2Page - NVE Corporation IL4822 Datasheet HTML 3Page - NVE Corporation IL4822 Datasheet HTML 4Page - NVE Corporation IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
IL4822 / IL4622 / IL4685
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Absolute Maximum Ratings(1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage temperature
TS
−55
150
°C
Junction temperature
TJ
−55
150
°C
Voltage range at A or B bus pins
−7
12
V
Supply voltage
VDD1A, VDD1B,
VDD2A, VDD2B
−0.5
6
V
Digital input voltage
−0.5
VDD + 0.5
V
Digital output voltage
−0.5
VDD + 1
V
ESD (bus nodes)
IL4685 or
IL4x22 configured as half-duplex
±16.5
kV
IEC61000-4-2
IL4x22 configured as full-duplex
±12
EFT (bus nodes)
4
kV
IEC61000-4-4 Level 4
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
DC-to-DC convertor input voltage
VDD1A
3
3.3
3.6
V
Transceiver controller-side supply
VDD1B
3
3.3
5.5
V
Transceiver bus-side supply voltage
VDD2B
3
3.3
3.5
V
Ambient operating temperature
Tmin; Tmax
−40
85
°C
Junction temperature
TJ
−40
140
°C
High-level digital input voltage
VIH
2.4
VDD1
V
VDD1 = 3.3 V
Low-level digital input voltage
VIL
0
0.8
V
Differential input voltage(2)
VID
+12 / −7
V
High-level output current (driver)
IOH
60
mA
High-level digital output current
(receiver)
IOH
8
mA
Low-level output current (driver)
IOL
−60
mA
Low-level digital output current
(receiver)
IOL
−8
mA
Digital input signal rise and fall times
tIR, tIF
DC Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com