Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 8 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 4Page - NVE Corporation IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation IL4822 Datasheet HTML 11Page - NVE Corporation IL4822 Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
IL4822 / IL4622 / IL4685
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Shutdown Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
DC-to-DC convertor
Overcurrent threshold
IDD2A
120
mA
Brownout threshold voltage
VDD2B
2.5
V
Power-up
2.3
Power-down
Bus driver shutdown temperature
Bus driver re-enable temperature
TJ
140
°C
Junction Temperature
135
Isolation Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage distance (external)
8.03
8.3
mm
Per IEC 60601
Total barrier thickness (internal)
0.013
0.016
mm
Barrier resistance
RIO
>1014
Ω
500 VRMS
Barrier capacitance
CIO
7
pF
f = 1 MHz
Leakage current
0.2
μARMS
240 VRMS, 60 Hz
Comparative tracking index
CTI
≥600
VRMS
Per IEC 60112
Barrier life
44000
Years
100°C, 1000 VRMS, 60%
CL activation energy
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–ambient
thermal resistance
θ
JA
67
°C/W
Double-sided PCB with
thermal vias in free air
Junction–case (top)
thermal resistance
θ
JC
12
Junction–ambient
thermal resistance
θ
JA
46
2s2p PCB with thermal
vias per JESD51 with
thermal vias in free air
Junction–case (top)
thermal resistance
θ
JC
9
Power dissipation
PD
1.5
W
Notes:
1.
Absolute Maximum specifications mean the device will not be damaged if operated under these conditions. It does not guarantee
performance.
2.
Differential input/output voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
3.
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from one logic state to
the other.
4.
Includes 10 ns read enable time. Maximum propagation delay is 25 ns after read assertion.
5.
Pulse skew is defined as |tPLH – tPHL| of each channel.
6.
Skew limit is the maximum propagation delay difference between any two devices at 25°C.
7.
The relevant test and measurement methods are given in the “High Magnetic Immunity” section on p. 11.
8.
External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin” (see diagram on p. 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com