Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 6 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 2Page - NVE Corporation IL4822 Datasheet HTML 3Page - NVE Corporation IL4822 Datasheet HTML 4Page - NVE Corporation IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IL4822 / IL4622 / IL4685
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Transceiver Bus Driver
Tmin to Tmax unless otherwise stated
Parameter
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Output voltage
VO
VDD
V
IO = 0
Differential output voltage
|VOD1|
VDD
V
IO = 0
Differential output voltage
|VOD2|
2.1
3
3.5
V
RL = 60 Ω
Differential output voltage
|VOD3|
1.9
3.5
V
RL = 54 Ω
Change in magnitude of differential
output voltage(3)
Δ|VOD|
±0.2
V
RL = 54 Ω or 100 Ω
Common mode output voltage
VOC
3
V
RL = 54 Ω or 100 Ω
Change in magnitude of common
mode output voltage(3)
Δ|VOC|
±0.2
V
RL = 54 Ω or 100 Ω
High level input current
IIH
10
μA
VI = 3.5 V
Low level input current
IIL
−10
μA
VI = 0.4 V
Absolute |short-circuit output current|
IOS
250
mA
−7 V < VO < 12 V
Transceiver Bus Receiver
Tmin to Tmax and VDD2B = 3.1 V to 3.5 V unless otherwise stated
Parameter
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Positive-going
input threshold voltage
VIT+
0.2
V
−7 V < VCM < 12 V
Negative-going
input threshold voltage
VIT−
−0.2
V
−7 V < VCM < 12 V
Input hysteresis voltage
(VIT+ − VIT−)
28
mV
VCM = 0 V, T = 25°C
Differential bus input capacitance
CD
9
12
pF
High-level output voltage
VOH
VDD – 0.2
VDD
V
VID = 200 mV
IOH = −20 μA
Low-level output voltage
VOL
0.2
V
VID = −200 mV
IOH = 20 μA
High-impedance-state
bus output current
IOZ
±1
μA
VO = 0.4 to (VDD2−0.5) V
Bus line input current
II
220
μA
VI = 12 V
−160
μA
VI = −7 V
Bus line input resistance
RI
60
80
kΩ
Transceiver Switching Specifications
Tmin to Tmax; VDD1B = 3 V to 3.45 V
Parameter
Symbol
Min.
Typ.(5)
Max.
Units
Test Conditions
Data rate
40
Mbps
RL = 54 Ω, CL = 50 pF
Propagation delay(4)
tPD
25
35
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Pulse skew(5)
tSK(P)
2
5
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Skew limit(6)
tSK(LIM)
4
10
ns
RL = 54 Ω, CL = 50 pF
Output enable time to high level
tPZH
17
30
ns
CL = 15 pF
Output enable time to low level
tPZL
17
30
ns
CL = 15 pF
Output disable time from high level
tPHZ
17
30
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
17
30
ns
CL = 15 pF
Common mode transient immunity
(output logic high to logic low)
|CMH|,|CML|
30
50
kV/μs
VCM = 1500 VDC
tTRANSIENT = 25 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com