Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 9 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation IL4822 Datasheet HTML 11Page - NVE Corporation IL4822 Datasheet HTML 12Page - NVE Corporation IL4822 Datasheet HTML 13Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
IL4822 / IL4622 / IL4685
9
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Device Operation
The IL4xxx detailed block diagram is shown below. The major elements are a DC-to-DC convertor, an RS-485 / RS-422 transceiver,
and GMR isolation:
Figure 1. IL4xxx detailed block diagram.
DC-to-DC Convertor Operation
A 113 MHz oscillator drives a high-frequency power amplifier, which in turn drives an IsoLoop® microtransformer primary.
Frequency hopping reduces EMI peak amplitudes, and embedded magnetic shielding further reduces radiated EMI.
A unique ceramic/polymer composite barrier provides full 2.5 kV isolation with virtually unlimited barrier life.
On the other side of the isolation barrier, the transformer secondary output is filtered, rectified, and regulated by a low-EMI low drop-
out regulator with a precision bandgap voltage reference.
Simple Capacitive Decoupling
The only external parts required are a 0.1 µF capacitor placed as close as possible to the VDD1A pin, a 10 µF ceramic capacitor
for the VDD2 or VDD2B pin, and a 0.1 µF/16 V filter capacitor near the VF pin. This low external parts count reduces board area
and cost.
Soft Start
A smooth output ramp-up with a minimum two millisecond startup allows the control electronics to start up before the bus is powered.
Short-Circuit Protection
The DC-to-DC convertor output will shut down at a current of approximately 120 mA. Short-circuit protection automatically resets
and the output recovers when the fault is removed.
DE
D
R
RE
A
B
Y
Z
VDD2A
Brownout
Detector
Refresh
Clock
1M
nominal
GND1
VDD1A
VDD2B
Freq
Hop
Reg-
ulator
VF
IsoLoop
transformer
Oscil-
lator
EMIShield
Refer-
ence
Amp
R
Overcurrent
Failsafe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com