Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 10 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation IL4822 Datasheet HTML 10Page - NVE Corporation IL4822 Datasheet HTML 11Page - NVE Corporation IL4822 Datasheet HTML 12Page - NVE Corporation IL4822 Datasheet HTML 13Page - NVE Corporation IL4822 Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IL4822 / IL4622 / IL4685
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@ www.nve.com
Optional External Regulation
An external regulator can be connected to the VF pin and used in addition to the parts’ internal low drop-out regulator for voltages
up to approximately 7.5 volts. The maximum output current decreases at higher regulator output voltages, but the output power
capacity remains approximately 250 milliwatts.
Transceiver Operation
Receiver Features
The receiver output “R” has tri-state capability via the active low RE input.
Driver Features
The driver features low propagation delay skew to maximize bit width and minimize EMI. Drivers have tri-state capability via the
active-high DE input.
True 3.3-volt Bus Operation
IL46xx parts are guaranteed to provide the minimum RS-485 / RS-422 differential voltages with a 3.0-volt bus supply, providing true 3.3-volt
bus operation with ample design margins.
Deterministic Power Up and Brownout Detection
IL46xx parts have circuitry to disable the transceiver bus until the driver-side voltage (VDD2B, normally provided by the DC-to-
DC convertor) reaches approximately 2.5 volts on power-up. The transceiver is disabled when the voltage drops below
approximately 2.3 volts on power-down. This brownout circuitry ensures the transceiver does not “crash” the bus on power up,
power down, or brownout, and eliminates the need for external power supply monitors. In addition, a patented refresh circuit
maintains the correct transceiver output state with respect to data input (DC correctness). The refresh circuit ensures the bus
outputs will follow the Function Table shown on Page 1 after power up.
Hot Plug Operation
Deterministic power-up allows IL46xx nodes to “hot plug” into the bus since the bus driver will be in a high-impedance state until
the DC-to-DC convertor output is enough for the bus driver to operate.
Unpowered Nodes
The bus driver reverts to high impedance when VDD2 is not present so that unpowered nodes do not disturb bus operation.
Full Fail-Safe
The receiver is fully fail-safe, meaning it guarantees a logic high state on “R” if the “A” and “B” bus inputs are unconnected,
shorted together, or connected to a terminated bus with all the transmitters disabled (terminated/undriven).
Rigorous PROFIBUS Compatibility
Unlike most other transceivers, IL4822 transceivers meet stringent PROFIBUS standards for maximum differential output voltage
as well as other PROFIBUS requirements.
Thermal Shutdown
Internal DC-to-DC convertor thermal management circuitry gradually limits the output voltage and power output to approximately
250 mW as the junction temperature increases to avoid thermal overload (see Figure 10).
In addition, the bus driver is disabled when the driver die temperature exceeds approximately 150 °C, and re-enabled when the die
temperature drops below approximately 135 °C. The receiver and DC-to-DC convertor sections continue to operate during thermal
shutdown.
Internal Connections
Ground Connections
There are two pins for each ground connection: pin 2 is internally connected to pin 8 and pin 15 is internally connected to pin 9.
All four ground pins should be soldered to circuit board traces to maximize power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com