Electronic Components Datasheet Search
  English  ▼

X  

IL4822 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL4822
Description  High-Speed Isolated RS-422 / RS-485 Transceivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL4822 Datasheet(HTML) 1 Page - NVE Corporation

  IL4822 Datasheet HTML 1Page - NVE Corporation IL4822 Datasheet HTML 2Page - NVE Corporation IL4822 Datasheet HTML 3Page - NVE Corporation IL4822 Datasheet HTML 4Page - NVE Corporation IL4822 Datasheet HTML 5Page - NVE Corporation IL4822 Datasheet HTML 6Page - NVE Corporation IL4822 Datasheet HTML 7Page - NVE Corporation IL4822 Datasheet HTML 8Page - NVE Corporation IL4822 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IL4822 / IL4622 / IL4685
IsoLoop
® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
Rev. E
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
YouTube.com/NveCorporation
©NVE Corporation
High-Speed Isolated RS-422 / RS-485 Transceivers
with Integrated DC-to-DC Convertors
Block Diagrams
Features
•
40 Mbps transceiver
•
Integrated ¼ watt, DC-to-DC convertor
•
3.3 V or 5 V bus supplies;
both fully compatible and interoperable with 5 V buses
•
1/5 Unit Load; 160 node fanout
•
Fully PROFIBUS compliant (IL4822)
•
2500 VRMS isolation voltage
•
Up to 16.5 kV bus ESD protection
•
Full failsafe
•
Overcurrent and thermal shutdown protection
•
−40 °C to 85 °C temperature range
•
VDE 0884-17 certified; UL1577 registered
•
EN 55032 CISPR 32 Class B compliant
•
0.3" True 8™ mm 16-pin SOIC package
Applications
•
Factory automation
•
Industrial control networks
•
Medical instruments
Description
IL4xxx-Series Transceivers are high-speed, fully-isolated,
differential bus transceivers with integrated DC-to-DC
convertors to provide fully-isolated bus supplies from the
3.3 V controller supply.
The IL4822 generates a 5 V bus supply; the IL46xx versions
generate 3.3 V bus supplies. The 3.3 V versions can provide
more current than 5 V bus supplies.
Despite their 3.3 V bus supplies, IL46xx versions are fully
compatible and interoperable with 5 V buses.
IL4x22 versions have full-duplex connections for RS-422 or
RS-485 buses; the IL4685 has a half-duplex transceiver generally
used with RS-485. The IL4822 is fully PROFIBUS compliant.
The devices use NVE’s proven, patented* spintronic Giant
Magnetoresistance (GMR) isolation technology and
IsoLoop® high-efficiency micro-scale isolation transformers.
A unique ceramic/polymer composite barrier provides full
isolation and virtually unlimited barrier life.
Integrated shielding and DC-to-DC convertor frequency
hopping minimize EMI. Parts are EN 55032 CISPR 32 Class B
compliant with just a small amount of stitching capacitance.
Current limiting and thermal shutdown features protect
against bus short circuits and contention to prevent excessive
power dissipation.
DE
D
R
RE
A
B
IL4x22
VDD1A
VDD2
Y
Z
,-
,
4
4-
)
*
IL4685
8,,)
8,,
)


Similar Part No. - IL4822

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IL4824S XPPOWER-IL4824S Datasheet
45Kb / 1P
DC-DC Power Supplies
More results

Similar Description - IL4822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
BB-485OPDR-HS ADVANTECH-BB-485OPDR-HS Datasheet
571Kb / 2P
High-Speed, Isolated RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com