Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
www.ti.com
OVERVIEW
4th-Order
DS
Modulator
Programmable
DigitalFilter
Serial
Interface
Calibration
Control
AINP1
AVSS
CLK
DVDD
DGND
DIN
DOUT
MCLK
DRDY
SCLK
AINN1
M0
M1
MFLAG
ADS1282
AINN2
AINP2
Over-Range
Detection
BYPAS
LDO
PGA
400W
AVDD+AVSS
400W
2
+1.8V
(Digitalcore)
300W
300W
RESET
PWDN
SYNC
AVDD
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
The
inherently-stable,
fourth-order,
delta-sigma
The ADS1282 is a high-performance analog-to-digital
modulator measures the differential input signal
converter (ADC) intended for energy exploration,
VIN = (AINP – AINN) against the differential reference
seismic
monitoring,
chomatography,
and
other
VREF = (VREFP – VREFN). A digital output (MFLAG)
exacting applications. The converter provides 24- or
indicates that the modulator is in overload resulting
32-bit output data in data rates from 4000SPS to
from an overdrive condition. The modulator output is
250SPS.
available directly on the MCLK, M0, and M1 output
pins. The modulator connects to an on-chip digital
Figure 1 shows the block diagram of the ADS1282.
filter that provides the output code readings.
The device features unipolar and bipolar analog
power supplies (AVDD and AVSS, respectively) for
The digital filter is comprised of a variable decimation
input range flexibility and a digital supply accepting
rate, fifth-order sinc filter followed by a variable
1.8V to 3.3V. The analog supplies may be set to +5V
phase, decimate-by-32, finite impulse response (FIR)
to accept unipolar signals (with input offset) or set
low-pass filter with programmable phase, and then by
lower in the range of ±2.5V to accept true bipolar
an adjustable high-pass filter for dc removal of the
input signals (ground referenced).
output reading. The output of the digital filter can be
taken from the sinc, the FIR low-pass, or the infinite
An internal low dropout (LDO) regulator is used to
impulse response (IIR) high-pass sections.
supply the digital core from DVDD. The BYPAS pin is
the LDO output and requires a 0.1
µF capacitor for
Gain and offset registers scale the digital filter output
noise reduction (BYPAS should not be used to drive
to produce the final code value. The scaling feature
external circuitry).
can be used for calibration and sensor gain matching.
The output data word is provided as either a 24-bit
The 2-channel input MUX allows five configurations:
word or a
full
32-bit
word,
allowing
complete
Input 1; Input 2; Input 1 and Input 2 shorted together;
utilization of the inherently high resolution.
shorted with 400
Ω test; and common-mode test. The
input MUX is followed by a continuous time PGA,
The SYNC input resets the operation of both the
featuring very low noise of 4nV/
√Hz. The PGA is
digital
filter
and
the
modulator,
allowing
controlled by register settings, allowing gains of 1 to
synchronization conversions of multiple ADS1282
64.
devices to an external event. The SYNC input
supports a continuously-toggled input mode that
accepts an external data frame clock locked to the
conversion rate.
Figure 1. ADS1282 Block Diagram
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com