Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments ADS1282IPWR Datasheet HTML 12Page - Texas Instruments ADS1282IPWR Datasheet HTML 13Page - Texas Instruments ADS1282IPWR Datasheet HTML 14Page - Texas Instruments ADS1282IPWR Datasheet HTML 15Page - Texas Instruments ADS1282IPWR Datasheet HTML 16Page - Texas Instruments ADS1282IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
www.ti.com
DIGITAL FILTER
Sinc Filter Stage (sinx/x)
H(Z)=
1
Z
-
N
1
Z
-
-1
5
(3)
SincFilter
Decimateby
8to128
FIRFilter
Decimate
by32
High-Pass
Filter
(IIR)
Filter
MUX
ToCalibrationBlock
FromModulator
DirectModulator
BitStream
3
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
Table 5. Digital Filter Selection, Pin Mode
MOD/DIN
HPF/SYNC
The digital filter receives the modulator output and
PIN
PIN
DIGITAL FILTERS SELECTED
decimates the data stream. By adjusting the amount
1
X
Bypass; modulator output mode
of filtering, tradeoffs can be made between resolution
and data rate: filter more for higher resolution, filter
0
0
Sinc + FIR
less for higher data rate.
Sinc + FIR + HPF
0
1
(low-pass and high-pass)
The digital filter is comprised of three cascaded filter
stages: a variable-decimation, fifth-order sinc filter; a
fixed-decimation
FIR,
low-pass
filter
(LPF)
with
selectable phase; and a programmable, first-order,
The sinc filter is a variable decimation rate, fifth-order,
high-pass filter (HPF), as shown in Figure 11.
low-pass filter. Data are supplied to this section of the
filter from the modulator at the rate of fMOD (fCLK/4).
The output can be taken from one of the three filter
The sinc filter attenuates the high-frequency noise of
blocks, as Figure 11 shows. To implement the digital
the modulator, then decimates the data stream into
filter completely off-chip, select the filter bypass
parallel data. The decimation rate affects the overall
setting (modulator output). For partial filtering by the
data rate of the converter; it is set by the DR[1:0] and
ADS1282, select the sinc filter output. For complete
MODE selections, as shown in Table 6.
on-chip filtering, activate both the sinc and FIR
stages. The HPF can then be included to remove dc
Equation 3 shows the scaled Z-domain transfer
and low frequencies from the data. Table 4 shows the
function of the sinc filter.
filter options in Register mode. Table 5 shows the
filter options in Pin mode.
Table 4. Digital Filter Selection, Register Mode
FILTR[1:0] BITS
DIGITAL FILTERS SELECTED
00
Bypass; modulator output mode
01
Sinc
10
Sinc + FIR
Sinc + FIR + HPF
11
(low-pass and high-pass)
Figure 11. Digital Filter
Table 6. Sinc Filter Data Rates (CLK = 4.096MHz)
DR[1:0] PINS
DR[2:0] REGISTER
DECIMATION RATIO (N)
SINC DATA RATE (SPS)
00
000
128
8,000
01
001
64
16,000
10
010
32
32,000
11
011
16
64,000
—
100
8
128,000
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com