Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 3 Page - Texas Instruments

  ADS1282IPWR Datasheet HTML 1Page - Texas Instruments ADS1282IPWR Datasheet HTML 2Page - Texas Instruments ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
Limit specifications at –40
°C to +85°C. Typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, f
CLK
(1) = 4.096MHz, VREFP = +2.5V,
VREFN = –2.5V, DVDD = +3.3V, Chopping on, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
ADS1282
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage
VIN = (AINP – AINN)
±VREF/2 × PGA
V
Absolute input range
(AINP or AINN)
AVSS + 0.7
AVDD – 1.25
V
Chopping off
1000
Differential input impedance
Chopping on
100
M
Ω
Chopping off
100
Common-mode input impedance
Chopping on
1
Chopping off
0.1
Input bias current
nA
Chopping on
1
Crosstalk
–125
dB
MUX on-resistance
30
Ω
PGA OUTPUT (CAPP, CAPN)
PGA differential output impedance
600
Ω
Output impedance tolerance
±10
%
External bypass capacitance
10
nF
Modulator differential input impedance
55
k
Ω
AC PERFORMANCE
High-resolution mode
TBD
124
Signal-to-noise ratio(2)
(SNR)
dB
Low-power mode
TBD
121
VIN = 31.25Hz, –0.5dBFS,
PGA = 8
Total harmonic distortion
(THD)
High-resolution mode
–120
TBD
dB
Low-power mode
–117
TBD
Spurious-free dynamic
dB
(SFDR)
–122
range
DC PERFORMANCE
Resolution
No missing codes
31
Bits
FIR filter mode
250
4000
SPS
Data rate
(fDATA)
Sinc filter mode
8000
128,000
SPS
Integral nonlinearity (INL)(3)
Differential input
0.00008
TBD
% FSR(4)
Offset error
100
TBD
µV
Offset error after calibration(5)
Shorted input
1
µV
Offset drift
0.2
µV/°C
Gain error(6)
TBD
–1
TBD
%
Gain error after calibration(5)
0.0002
%
Gain drift
1
ppm/
°C
Gain matching
0.5
TBD
%
Common-mode rejection
fCM = 60Hz
(7)
TBD
110
dB
AVDD, AVSS
TBD
95
Power-supply rejection
fPS = 60Hz
(7)
dB
DVDD
TBD
105
(1)
fCLK = system clock.
(2)
VIN = 20mVDC/Gain, see Table 1.
(3)
Best-fit method.
(4)
FSR: Full-scale range = ±VREF/2 × PGA.
(5)
Calibration accuracy is on the level of noise reduced by 4 (calibration averages 16 readings).
(6)
The PGA output impedance and the modulator input impedance results in –1% systematic gain error.
(7)
fCM is the input common-mode frequency. fPS is the power-supply frequency.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com