Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 15Page - Texas Instruments ADS1282IPWR Datasheet HTML 16Page - Texas Instruments ADS1282IPWR Datasheet HTML 17Page - Texas Instruments ADS1282IPWR Datasheet HTML 18Page - Texas Instruments ADS1282IPWR Datasheet HTML 19Page - Texas Instruments ADS1282IPWR Datasheet HTML 20Page - Texas Instruments ADS1282IPWR Datasheet HTML 21Page - Texas Instruments ADS1282IPWR Datasheet HTML 22Page - Texas Instruments ADS1282IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.ti.com
RESET (RESET Pin and Reset Command)
PWDN Pin
DRDY
t
DR
Wakeup
Command
POWER-ON SEQUENCE
SystemClock
(f
)
CLK
DRDY
RESETPin
RESETCommand
t
RST
Settled
Data
or
t
CRHD
t
DR
t
RCSU
POWER-DOWN
CLK
DVDD
DRDY
InternalReset
1Vnom
AVDD
AVSS
-
3.5Vnom
2
16
t
DR
f
CLK
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
In power-down, note that the device outputs remain
active and the device inputs must not float. When the
The ADS1282 may be reset in two ways: toggle the
Standby command is sent, the SPI port and the
RESET pin low or send a Reset command. When
configuration registers are kept active. Figure 25 and
using the RESET pin, take it low and hold for at least
Table 12 show the timing.
2/fCLK to force a reset. The ADS1282 is held in reset
until the pin is released. By command, RESET takes
effect on the next rising edge of fCLK after the eighth
rising edge of SCLK of the command. Note: to ensure
that the Reset command can function, the SPI
interface may require a reset; see the Serial Interface
section.
In reset, registers are set to default and the
conversions are synchronized on the next rising edge
of CLK. New conversion data are available, as shown
Figure 25. PWDN Pin and Wake-Up Command
in Figure 24 and Table 11.
Timing
(Table 12 shows tDR)
The ADS1282 has three power supplies: AVDD,
AVSS, and DVDD. Figure 26 shows the power-on
sequence of the ADS1282. The power supplies can
be sequenced in any order. The supplies [the
difference of (AVDD – AVSS) and DVDD] generate
an internal reset whose outputs are summed to
generate a global internal reset. After the supplies
Figure 24. Reset Timing
have crossed the minimum thresholds, 216 fCLK cycles
are counted before releasing the internal reset. After
the internal reset is released, new conversion data
Table 11. Reset Timing for Figure 24
are available, as shown in Figure 26 and Table 12.
PARAMETER DESCRIPTION
MIN
UNITS
tCRHD
CLK to RESET hold time
10
ns
tRGSU
RESET to CLK setup time
10
ns
tRST
RESET low
2
1/fCLK
62.98046875/
tDR
Time for data ready
fDATA + 468/fCLK
(PWDN Pin and Standby Command)
There are two ways to power-down the ADS1282:
take the PWDN pin low or send a Standby command.
When the PWDN pin is pulled low, the internal
Figure 26. Power-On Sequence
circuitry is disabled to minimize power and the
contents of the register settings are reset.
Table 12. Power-On, PWDN Pin, and Wake-Up Command Timing for New Data
PARAMETER
DESCRIPTION
FILTER MODE
See Appendix, Table 24
SINC(1)
Time for data ready 216 CLK cycles after power-on;
tDR
and new data ready after PWDN pin or Wake-Up command
62.98046875/fDATA + 468/fCLK
(2)
FIR
(1)
Supply power-on and PWDN pin default is 1000SPS FIR.
(2)
Subtract two CLK cycles for the Wake-Up command. The Wake-Up command is timed from the next rising edge of CLK to after the
eighth rising edge of SCLK during command to DRDY falling.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com