Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments ADS1282IPWR Datasheet HTML 12Page - Texas Instruments ADS1282IPWR Datasheet HTML 13Page - Texas Instruments ADS1282IPWR Datasheet HTML 14Page - Texas Instruments ADS1282IPWR Datasheet HTML 15Page - Texas Instruments ADS1282IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
www.ti.com
MODULATOR OUTPUT MODE
f
MOD/2
MFLAG
100%FS
AINN
AINP
P
Q
IABSI
å
MFLAG
+100%
(AINP
AINN)
-
-100%
0%
CLK
SYNC
PHS/MCLK
DR0/M0
DR1/M1
t
MCM0, 1
(MCLK=CLK/4)
t
SCSU
t
CSHD
t
CMD
1
2
5
4
3
t
SYMD
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
Figure 8 and Figure 9 illustrate, the absolute value of
the input is compared to 100% of range. The output
The modulator digital stream output is available
of the comparator is sampled at the rate of fMOD/2,
directly, bypassing and disabling the internal digital
yielding the MFLAG output. The minimum MFLAG
filter. The modulator output mode is activated in the
pulse width is fMOD/2.
Pin mode by setting MOD/DIN = 1, and in Register
mode
by
setting
the
CONFIG0
register
bits
FILTR[1:0] = 00. Pins DR0/M0 and DR1/M1 then
become
the
modulator
data
outputs
and
the
PHS/MCLK becomes the modulator clock output.
When not in the modulator mode, these pins are
inputs and must not float.
The modulator output is composed of three signals:
one output for the modulator clock (PHS/MCLK) and
two outputs for the modulator data (DR0/M0 and
Figure 8. Modulator Over-Range Block Diagram
DR1/M1). The modulator clock output rate is fMOD
(fCLK/4). The SYNC input resets the MODCLK phase,
as shown in Figure 10. The SYNC input is latched on
the rising edge of CLK. The MODCLK resets and the
next rising edge of MODCLK occurs five CLK periods
later.
The modulator output data are two bits wide, which
must be merged together before being filtered. Use
the time domain equation of Equation 2 to merge the
data outputs.
Figure 9. Modulator Over-Range Flag Operation
Figure 10. Modulator Mode Timing
Modulator Output Timing for Figure 10
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tMCD0, 1
MODCLK rising edge to M0, M1 valid propagation delay(1)
100
ns
CLK rising edge (after SYNC rising edge) to MODCLK rising edge
tCMD
5
1/fCLK
reset time
tCSHD
CLK to SYNC hold time to not latch on CLK edge
10
ns
tSCSU
SYNC to CLK setup time to latch on CLK edge
10
ns
tSYMD
SYNC to stable bit stream
16
1/fMOD
(1)
Load on M0 and M1 = 20pF || 100k
Ω.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com