Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 17Page - Texas Instruments ADS1282IPWR Datasheet HTML 18Page - Texas Instruments ADS1282IPWR Datasheet HTML 19Page - Texas Instruments ADS1282IPWR Datasheet HTML 20Page - Texas Instruments ADS1282IPWR Datasheet HTML 21Page - Texas Instruments ADS1282IPWR Datasheet HTML 22Page - Texas Instruments ADS1282IPWR Datasheet HTML 23Page - Texas Instruments ADS1282IPWR Datasheet HTML 24Page - Texas Instruments ADS1282IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
www.ti.com
Data Ready (DRDY)
DATA FORMAT
V
REF
2
>
SCLK
DRDY
DOUT
Bit31
Bit30
Bit29
V
REF
2
V
REF
2
(2
1)
´
-
30
-VREF
2
(2
1)
´
-
30
-VREF
2
2
30
2
1
-
30
´
-VREF
2
2
30
2
1
-
30
´
<
DRDY
DataUpdating
4/f
CLK
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
DRDY is an output; when it transitions low, this
The ADS1282 provides 32 bits of conversion data in
transition indicates new conversion data are ready, as
binary
twos
complement
format,
as
shown
in
shown in Figure 29. When reading data by the
Table 13. The LSB of the data is a redundant sign bit:
continuous mode, the data must be read within four
'0' for positive numbers and '1' for negative numbers.
CLK periods before DRDY goes low again or the data
However, when the output is clipped to +FS, the
are overwritten with new conversion data. When
LSB = 1; when the output is clipped to –FS, the
reading data by the command mode, the read
LSB = 0. If desired, the data readback may be
operation can overlap the occurrence of the next
stopped at 24 bits.
DRDY without data corruption.
Table 13. Ideal Output Code versus Input Signal
INPUT SIGNAL VIN
32-BIT IDEAL OUTPUT
(AINP – AINN)
CODE(1)
7FFFFFFFh
7FFFFFFEh
Figure 29. DRDY with Data Retrieval
00000002h
0
00000000h
DRDY resets high on the first falling edge of SCLK.
Figure 29 and Figure 30 show the function of DRDY
with and without data readback, respectively.
FFFFFFFFh
If data are not retrieved (no SCLK provided), DRDY
pulses high for four fCLK periods during the update
80000001h
time, as shown in Figure 30.
80000000h
(1) Excludes effects of noise, linearity, offset, and gain errors.
Figure 30. DRDY With No Data Retrieval
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com