Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 1 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc AA10C Datasheet HTML 3Page - Astec America, Inc AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
1 of 12
REV
Description
Date
Approved
PR-A
Preliminary Release
3/30/00
PR-B
Updated Efficiency Specs
2/12/01
TECHNICAL REFERENCE
NOTES (TRN)
AA10C SERIES
DC-DC CONVERTER
ASTEC POWER
ANDOVER, MA


Similar Part No. - AA10C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
1Mb / 2P
10/15 Watts
More results

Similar Description - AA10C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com