Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 5 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 5 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc AA10C Datasheet HTML 3Page - Astec America, Inc AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
5 of 12
Feature Specifications
Table 6. Feature Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface:
(VI = 0 to VI,max ; Open collector or
equivalent compatible; Signal
referenced to VI (-) terminal.)
Positive Logic –Suffix “-4”
Low Logic – Module Off
High Logic – Module On
Negative Logic –Suffix “-1”
Low Logic – Module On
High Logic – Module Off
Module Specifications:
On/Off Current – Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch
Specifications:
Leakage Current – Logic High
(Von/off = 10V)
Output Voltage – Logic Low
(Ion/off = 1mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
-
-0.7
-
-
-
-
-
-
-
-
1.0
1.2
10
50
1.2
mA
V
V
uA
V
Output Voltage Adjustment
Suffix “-9”
Voltage Adjustment Range
All
020S-X
-
-
90
90
-
-
110
125
%Vo
%Vo
Output Overvoltage Clamp
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
Vo,clamp
Vo,clamp
Vo,clamp
Vo,clamp
Vo,clamp
Vo,clamp
Vo,clamp
1.8
3.0
3.0
3.9
5.9
13.5
16.8
-
-
-
-
-
-
-
2.1
3.5
3.5
5.7
7.0
16.0
20.0
V
V
V
V
V
V
V
Undervoltage Lockout
Turn-on Point
Turn-off Point
All
All
-
-
-
32
34.5
32.5
35
-
V
V
* For a 2.5V output, use the 2V output model (020S-X) with an the output voltage adjustment option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com