Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 2 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc AA10C Datasheet HTML 3Page - Astec America, Inc AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
2 of 12
Electrical Specifications
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
These are absolute stress ratings only. Functional operation of the device in not implied at these
or any other conditions in excess of those given in the operational sections of the TRN. Exposure
to absolute maximum ratings for extended periods can adversely affect device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
VI
VI, trans
0
0
-
-
80
100
Vdc
Vdc
Operating Case Temperature
All
Tc
-40
-
115
ºC
Storage Temperature
All
Tstg
-55
-
125
ºC
Operating Humidity
All
-
-
-
95
%
I/O Isolation
All
-
-
-
1500
Vdc
Input Specifications
Table 2. Input Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VI
36
48
75
Vdc
Maximum Input Current
(VI = 0 to VI,max : Io = Io,max)
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
II,max
II,max
II,max
II,max
II,max
II,max
II,max
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.15
0.18
0.22
0.30
0.40
0.37
0.37
A
A
A
A
A
A
Input Reflected-ripple Current
(5Hz to 20MHz: 12uH source
impedance: TA = 25 ºC.) See Figure 12.
All
II
-
-
10
mAp-p
No Load Input Power
(VI = VI,nom )
All
-
-
-
0.75
W
Maximum Input Capacitance
All
-
-
-
1.4
uF
CAUTION: This power module is not internally fused. An input line fuse must always be used.
Output Specifications
Table 3. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
(VI = VI,min to VI,max : Io = Io,max;
TA = 25 ºC )
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
Vo,set
Vo,set
Vo,set
Vo,set
Vo,set
Vo,set
Vo,set
1.44
1.92
-
3.17
4.85
11.52
14.40
1.5
2.0
2.5
3.3
5.0
12.0
15.0
1.56
2.08
-
3.43
5.20
12.48
15.60
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
* For a 2.5V output, use the 2V output model (020S-X) with an the output voltage adjustment option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com