Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 6 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 6 Page - Astec America, Inc

Back Button AA10C Datasheet HTML 2Page - Astec America, Inc AA10C Datasheet HTML 3Page - Astec America, Inc AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc AA10C Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
6 of 12
Characteristic Curves
Figure 1. Typical Input Current vs Input Voltage.
Figure 2. 015S Efficiency vs Load Current.
Figure 3. 020S Efficiency vs Load Current.
Figure 4. 033S Efficiency vs Load Current.
Figure 5. 050S Efficiency vs Load Current.
Figure 6. 120S Efficiency vs Load Current.
Figure 7. 150S Efficiency vs Load Current.
AA10C-048L-050S
Input Characteristics (Worst Case)
Tc = 25 C, Iout = 2A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
Vin (Volts)
AA10C-048L-050S
Efficiency vs Output Current
Tc = Tc,max
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc
AA10C-048L-033S
Efficiency vs Output Current
Tc = Tc,max
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
0.24
0.48
0.73
0.97
1.21
1.45
1.69
1.94
2.18
2.42
Output Current (Amps)
Vin = 36 Vdc
Vin = 48 Vdc
Vin = 75 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com