Electronic Components Datasheet Search
  English  ▼

X  

AA10C Datasheet(PDF) 3 Page - Astec America, Inc

Part # AA10C
Description  36 Vdc to 75 Vdc Inputs, 10 W
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C Datasheet(HTML) 3 Page - Astec America, Inc

  AA10C Datasheet HTML 1Page - Astec America, Inc AA10C Datasheet HTML 2Page - Astec America, Inc AA10C Datasheet HTML 3Page - Astec America, Inc AA10C Datasheet HTML 4Page - Astec America, Inc AA10C Datasheet HTML 5Page - Astec America, Inc AA10C Datasheet HTML 6Page - Astec America, Inc AA10C Datasheet HTML 7Page - Astec America, Inc AA10C Datasheet HTML 8Page - Astec America, Inc AA10C Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
3 of 12
Output Specifications (continued)
Table 3. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Regulation:
Line (VI = VI,min to VI,max)
Load(Io = Io,min to Io,max)
Temperature (Tc = -40 ºC to +105 ºC)
All
120S-X
150S-X
All
120S-X
150S-X
All
120S-X
150S-X
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
25
0.5
0.5
5
0.1
0.1
15
0.2
0.2
100
2
2
mV
%
%
mV
%
%
mV
%Vo
%Vo
Output Ripple and Noise
(Across 2 x 0.47 uF ceramic capacitors)
See Figure 13.
Peak-to-Peak (5 Hz to 20 MHz)
RMS
All
120S-X
150S-X
All
120S-X
150S-X
-
-
-
-
-
-
-
-
-
-
-
-
50
75
75
-
-
-
100
120
120
30
35
35
mVp-p
mVp-p
mVp-p
mVrms
mVrms
mVrms
External Load Capacitance
All
120S-X
150S-X
-
-
-
-
-
-
-
-
-
1000
200
200
uF
uF
uF
Output Current
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
Io
Io
Io
Io
Io
Io
Io
0.20
0.20
0.20
0.15
0.10
0.08
0.06
-
-
-
-
-
-
-
2.0
2.0
2.0
2.42
2.0
0.83
0.67
A
A
A
A
A
A
A
Output Current-limit Inception
(Vo = 90% Vo,set)
015S-X
020S-X
025S-X*
033S-X
050S-X
120S-X
150S-X
Io
Io
Io
Io
Io
Io
Io
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4
4
4
4
4
1.4
1.1
A
A
A
A
A
A
A
Output Short-circuit Current
(Vo = 250mV)
All
-
-
-
190
%Io,max
* For a 2.5V output, use the 2V output model (020S-X) with an the output voltage adjustment option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com